Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS100 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BSS100
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSS100 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BSS100 Datasheet HTML 1Page - Fairchild Semiconductor BSS100 Datasheet HTML 2Page - Fairchild Semiconductor BSS100 Datasheet HTML 3Page - Fairchild Semiconductor BSS100 Datasheet HTML 4Page - Fairchild Semiconductor BSS100 Datasheet HTML 5Page - Fairchild Semiconductor BSS100 Datasheet HTML 6Page - Fairchild Semiconductor BSS100 Datasheet HTML 7Page - Fairchild Semiconductor BSS100 Datasheet HTML 8Page - Fairchild Semiconductor BSS100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 1996
BSS100 / BSS123
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
_______________________________________________________________________________
Absolute Maximum Ratings
T
A = 25°C unless otherwise noted
Symbol
Parameter
BSS100
BSS123
Units
V
DSS
Drain-Source Voltage
100
V
V
DGR
Drain-Gate Voltage (R
GS < 20K)
100
V
V
GSS
Gate-Source Voltage - Continuous
± 14
V
- Non Repetitive (T
P < 50 µS)
± 20
I
D
Drain Current - Continuous
0.22
0.17
A
- Pulsed
0.9
0.68
P
D
Total Power Dissipation @ T
A = 25°C
0.63
0.36
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
T
L
Maximum Lead Temperature for Soldering
Purposes, 1/16" from Case for 10 Seconds
300
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistacne, Junction-to-Ambient
200
350
°C/W
BSS100 Rev. F1 / BSS123 Rev. F1
These N-Channel logic level enhancement mode power
field effect transistors are produced using Fairchild's
proprietary, high cell density, DMOS technology. This
very high density process has been especially tailored to
minimize on-state resistance, provide superior switching
performance. This product is particularly suited to low
voltage, low current applications, such as small servo
motor controls, power MOSFET gate drivers, and other
switching applications.
BSS100: 0.22A, 100V. R
DS(ON) = 6@ VGS = 10V.
BSS123: 0.17A, 100V. R
DS(ON) = 6@ VGS = 10V
High density cell design for extremely low R
DS(ON).
Voltage controlled small signal switch.
Rugged and reliable.
BSS123
S
D
G
BSS100
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - BSS100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - BSS100

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com