Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6071AAUT12 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6071AAUT12
Description  Low-Noise, High-Precision Series Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6071AAUT12 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6071AAUT12 Datasheet HTML 1Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 2Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 3Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 4Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 5Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 6Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 7Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 8Page - Maxim Integrated Products MAX6071AAUT12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
2
Maxim Integrated
OUTF to GNDS, GNDF, GND......................-0.3V to the lower of
(VIN + 0.3V), +6V
OUTS to GNDS, GNDF, GND .................................-0.3V to +6V
IN to GNDS, GNDF, GND .......................................-0.3V to +6V
EN to GNDS, GNDF, GND ......................................-0.3V to +6V
FILTER to GND............................................-0.3V to the lower of
(VIN + 0.3V), +6V
GNDS to GNDF ....................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70NC)
SOT23 (derate 4.3mW/NC above +70NC) ................ 347.8mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
Lead Temperature (soldering, 10s) ................................+300NC
SOT23
Junction-to-Ambient Thermal Resistance (BJA)...........230°C/W
Junction-to-Case Thermal Resistance (BJC)....................76°C/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS—MAX607__AUT12 (VOUT = 1.250V)
(VIN = +5.0V, IOUT = 0mA, COUT = 0.1FF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage Accuracy
MAX6070A/MAX6071A, TA = +25NC
-0.04
+0.04
%
MAX6070B/MAX6071B, TA = +25NC
-0.08
+0.08
Output Voltage Temperature
Drift (Note 3)
TCVOUT
MAX6070A/MAX6071A
1.5
6
ppm/
N
C
MAX6070B/MAX6071B
2.0
8
Line Regulation
Over specified VIN
range
TA = +25NC
13
100
F
V/V
TA = TMIN to TMAX
125
Load Regulation
0mA < IOUT < 10mA, sink
70
150
F
V/mA
0mA < IOUT < 10mA, source
100
150
Output Current
IOUT
-10
+10
mA
Short-Circuit Current
ISC
Sourcing to ground
25
mA
Sinking from VIN
25
Long-Term Stability
1000 hours at TA = +25°C
35
ppm
Thermal Hysteresis
(Note 5)
85
ppm
DYNAMIC CHARACTERISTICS
Noise Voltage
eOUT
1/f noise, 0.1Hz to 10Hz, COUT = 0.1FF
3.6
F
VP-P
MAX6071 thermal noise, 10Hz to 10kHz,
COUT = 0.1FF
5.0
F
VRMS
MAX6070 thermal noise, 10Hz to 10kHz,
COUT = 0.1FF, CFILTER = 0.1FF
2.5
Ripple Rejection
Frequency = 60Hz
100
dB


Similar Part No. - MAX6071AAUT12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6071AAUT12+T MAXIM-MAX6071AAUT12+T Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6071AAUT12+T MAXIM-MAX6071AAUT12+T Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results

Similar Description - MAX6071AAUT12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com