Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF10040T-151MR99 Datasheet(PDF) 1 Page - TDK Electronics

Part # VLF10040T-151MR99
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF10040T-151MR99 Datasheet(HTML) 1 Page - TDK Electronics

  VLF10040T-151MR99 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1/1)
001-04 / 20060612 / e531_vlf10040.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For Power Line(Wound, Magnetic Shielded)
VLF Series VLF10040
FEATURES
• Mount area: 9.7
× 10.0mm
Low profile: 4.0mm max. height
• Compare to SLF10145(TDK conventional product) type
Low loss and large current capability design
DC resistance: 0.92
× SLF10145
Rated DC current: 1.3
× SLF10145
• Generic use for portable DC to DC converter line
• High magnetic shield construction should actualize high resolu-
tion for EMC protection.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free solder-
ing.
APPLICATIONS
Note book computers, amusement equipment, DVD players,
VRMs, plasma displays, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
Conformity to RoHS Directive
4.0max.
10.0
±0.4
Dimensions in mm
10.7
7.3
Dimensions in mm
Part No.
Inductance
(µH)
Inductance
tolerance(%)
Test frequency
(kHz)
DC resistance(m
Ω)
Rated current(A)
max.
typ.
Based on inductance
change max.
Based on temperature
rise typ.
VLF10040T-1R0N9R7
1.0
±30
100
5.2
4.3
11.9
9.7
VLF10040T-1R5N8R9
1.5
±30
100
6.2
5.1
9.9
8.9
VLF10040T-2R2N7R1
2.2
±30
100
9.5
7.9
8.2
7.1
VLF10040T-3R3N6R2
3.3
±30
100
12.6
10.5
6.7
6.2
VLF10040T-4R7N5R4
4.7
±30
100
15.3
12.7
5.4
5.6
VLF10040T-6R8N4R5
6.8
±30
100
23.8
19.8
4.6
4.5
VLF10040T-100M3R8
10
±20
100
33
28
3.8
3.8
VLF10040T-150M3R1
15
±20
100
42
36
3.1
3.3
VLF10040T-220M2R5
22
±20
100
58
50
2.5
2.8
VLF10040T-330M2R1
33
±20
100
93
80
2.1
2.2
VLF10040T-470M1R7
47
±20
100
124
108
1.7
1.9
VLF10040T-680M1R4
68
±20
100
178
155
1.4
1.6
VLF10040T-101M1R2
100
±20
100
248
216
1.2
1.3
VLF10040T-151MR99
150
±20
100
394
343
0.99
1.1
VLF10040T-221MR81
220
±20
100
537
467
0.81
0.9
VLF10040AT-331MR67
330
±20
100
870
757
0.67
0.7
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - VLF10040T-151MR99

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
VLF10045 RICHTEK-VLF10045 Datasheet
276Kb / 15P
   RT7237C
VLF10045 RICHTEK-VLF10045 Datasheet
371Kb / 15P
   3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
VLF10045 RICHTEK-VLF10045 Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
TDK Electronics
VLF10045 TDK-VLF10045 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF10045T-100M4R3 TDK-VLF10045T-100M4R3 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - VLF10040T-151MR99

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com