Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP95T06AGP Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP95T06AGP
Description  Simple Drive Requirement, Lower On-resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP95T06AGP Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP95T06AGP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP95T06AGP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP95T06AGP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP95T06AGP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP95T06AGP Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP95T06AGP
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
50
100
150
200
250
02
468
V DS , Drain-to-Source Voltage (V)
T C =25
o C
10V
7.0 V
5.0V
4.5V
V G = 4 .0V
0
40
80
120
160
02
468
V DS , Drain-to-Source Voltage (V)
T C = 150
o C
10V
7.0 V
5.0V
4.5V
V G = 4.0 V
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =45A
V G =10V
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
6
8
10
12
14
24
68
10
V GS Gate-to-Source Voltage (V)
I D =20A
T C =25
o C
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP95T06AGP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP95T06AGP A-POWER-AP95T06AGP_14 Datasheet
153Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP95T06AGP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com