Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMT3100-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMT3100-GS08
Description  Low Current SMD LED PLCC-2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMT3100-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMT3100-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMT3100-GS08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VLMT3100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 15-Mar-11
4
Document Number: 81710
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
METHOD OF TAPING/POLARITY AND TAPE AND REEL
SMD LED (VLM.3-SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with DIN IEC 40
(CO) 564) for automatic component insertion. The blister
tape is a plastic strip with impressed component cavities,
covered by a top tape.
TAPING OF VLM.3...
Fig. 8 - Tape Dimensions in mm for PLCC-2
20541
Mounting Pad Layout
1.2
1.6 (1.9)
4
area covered with
solder resist
3.5 ± 0.2
3 + 0.15
CA
Pin identification
Ø 2.4
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5067.01-4
Issue: 5; 04.11.08
Adhesive tape
Component cavity
Blister tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668


Similar Part No. - VLMT3100-GS08

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMT3100-GS08 TO-GRACE-VLMT3100-GS08 Datasheet
629Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
169Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
232Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMT3100-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMY30 VISHAY-VLMY30_V02 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMA3101 VISHAY-VLMA3101_V01 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMA3100 VISHAY-VLMA3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 24-May-07
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 01-Jun-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
   Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1_V01 Datasheet
218Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com