Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS63 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BSS63
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSS63 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BSS63 Datasheet HTML 1Page - Fairchild Semiconductor BSS63 Datasheet HTML 2Page - Fairchild Semiconductor BSS63 Datasheet HTML 3Page - Fairchild Semiconductor BSS63 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP (Is=21.48f Xti=3 Eg=1.11 Vaf=100 Bf=132.1 Ne=1.375 Ise=21.48f Ikf=.1848 Xtb=1.5 Br=3.661 Nc=2 Isc=0
Ikr=0 Rc=1.6 Cjc=17.63p Mjc=.5312 Vjc=.75 Fc=.5 Cje=73.39p Mje=.3777 Vje=.75 Tr=1.476n Tf=641.9p Itf=0
Vtf=0 Xtf=0 Rb=10)
Typical Characteristics
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 100
µA, I
B = 0
100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
110
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 1.0
µA, I
C = 0
6.0
V
ICBO
Collector-Cutoff Current
VCB = 90 V, IE = 0
VCB = 90 V, IE = 0, TA = 150
°C
100
50
nA
µA
IEBO
Emitter-Cutoff Current
VEB = 6.0 V, IC = 0
200
nA
ON CHARACTERISTICS
hFE
DC Current Gain
IC = 10 mA, VCE = 1.0 V
IC = 25 mA, VCE = 1.0 V
30
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 25 mA, IB =2.5 mA
0.25
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 25 mA, IB =2.5 mA
0.9
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 25 mA, VCE = 5.0,
f = 35 MHz
50
MHz
Spice Model
PNP (Is=21.48f Xti=3 Eg=1.11 Vaf=100 Bf=132.1 Ne=1.375 Ise=21.48f Ikf=.1848 Xtb=1.5 Br=3.661 Nc=2 Isc=0
Ikr=0 Rc=1.6 Cjc=17.63p Mjc=.5312 Vjc=.75 Fc=.5 Cje=73.39p Mje=.3777 Vje=.75 Tr=1.476n Tf=641.9p Itf=0
Vtf=0 Xtf=0 Rb=10)
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Typical Pulsed Current Gain
vs Collector Current
0.0001
0.001
0.01
0.1
1
0
50
100
150
200
I
- COLLECTOR CURRENT (A)
- 40 °C
25 °C
C
V
= 5V
CE
125 °C
Collector-Emitter Saturation
Voltage vs Collect or Current
0.1
1
10
100
0
0.1
0.2
0.3
0.4
I
- COLLECTOR CURRENT (mA)
C
β = 10
125 °C
- 40 °C
25 °C
PNP General Purpose Amplifier
(continued)


Similar Part No. - BSS63

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS63 PHILIPS-BSS63 Datasheet
41Kb / 8P
   PNP high-voltage transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BSS63 NEXPERIA-BSS63 Datasheet
286Kb / 7P
   PNP high-voltage transistor
2004 Jan 16
logo
STMicroelectronics
BSS63 STMICROELECTRONICS-BSS63 Datasheet
36Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Siemens Semiconductor G...
BSS63 SIEMENS-BSS63 Datasheet
139Kb / 4P
   PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
KEC(Korea Electronics)
BSS63 KEC-BSS63 Datasheet
59Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BSS63

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com