Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMY3001GS08 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VLMY3001GS08
Description  Low Current SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY3001GS08 Datasheet(HTML) 8 Page - Vishay Siliconix

  VLMY3001GS08 Datasheet HTML 1Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 2Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 3Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 4Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 5Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 6Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 7Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 8Page - Vishay Siliconix VLMY3001GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number 81322
Rev. 1.2, 01.-Dec-09
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
For technical support, please contact: LED@vishay.com
SOLDERING PROFILE
BAR CODE PRODUCT LABEL
EXAMPLE:
A) Type of component
B) Manufacturing plant
C) SEL - selection code (bin):
e.g.: K1 = code for luminous intensity group
3
= code for color group
D) Date code year/week
E) Day code (e.g. 5: Friday)
F) Batch no.
G) Total quantity
H) Company code
Figure 11. Vishay Lead (Pb)-free Reflow Soldering Profile
(acc. to J-STD-020)
Figure 12. Double Wave Soldering of Opto Devices (all Packages)
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19885
IR Reflow Soldering Profile for Lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 2a
max. 2 cycles allowed
255 °C
235 °C
to 260 °C
2 K/s
ca. 200 K/s
second
wave
first wave
5 s
full line: typical
dotted line: process limits
Time (s)
lead temperature
300
250
200
150
100
50
0
0
50
100
150
200
250
948626-1
TTW Soldering (acc. to CECC00802)
100 °C
to 130 °C
forced cooling
ca. 2 K/s
ca. 5 K/s
106
37
A
H
BC
D
E
F
G
VISHAY
20119


Similar Part No. - VLMY3001GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY3001-GS08 VISHAY-VLMY3001-GS08 Datasheet
184Kb / 9P
   Low Current SMD LED PLCC-2
VLMY3001-GS18 VISHAY-VLMY3001-GS18 Datasheet
184Kb / 9P
   Low Current SMD LED PLCC-2
More results

Similar Description - VLMY3001GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
   Low Current SMD LED
Rev. A2, 06-Jun-00
logo
HK TO-GRACE TECHNOLOGY ...
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
   Low Current 0603 SMD LED
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
   Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
   Low Current 0603 SMD LED
TLMY1000 VISHAY-TLMY1000_V02 Datasheet
248Kb / 12P
   Low Current 0603 SMD LED
01-Jan-2023
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
   Low Current 0603 SMD LED
01-Jan-2022
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
   Low Current Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com