Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBAT54CLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT54CLT3G
Description  Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54CLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT54CLT3G Datasheet HTML 1Page - Leshan Radio Company LBAT54CLT3G Datasheet HTML 2Page - Leshan Radio Company LBAT54CLT3G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
2
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@ T A = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Forward Current(DC)
IF
200Max
mA
Junction Temperature
T J
125Max
°C
Storage Temperature Range
T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
1 0
pF
Reverse Leakage (V R = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (I F = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
VF
0.52
1
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
5.0
ns
Forward Voltage (I F = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
LBAT54CLT1G
These Schottky barrier diodes are designed for high speed switch-
ing applications, circuit protection, and voltage clamping. Extremely
low forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc
3
CATHODE
ANODE
1
ANODE
2
Dual Series Schottky
Barrier Diodes
SOT-23
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBAT54CLT1G
5C
3000/Tape&Reel
LBAT54CLT3G
5C
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
We declare that the material of product compliance with RoHS requirements.
Rev.A 1/3


Similar Part No. - LBAT54CLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54CLT1 LRC-LBAT54CLT1 Datasheet
105Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54CLT1G LRC-LBAT54CLT1G_15 Datasheet
180Kb / 3P
   Dual Series Schottky Barrier Diodes
More results

Similar Description - LBAT54CLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54SLT1G LRC-LBAT54SLT1G_11 Datasheet
74Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54CWT1G LRC-LBAT54CWT1G Datasheet
64Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54SWT1G LRC-LBAT54SWT1G_11 Datasheet
91Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54LT1G LRC-LBAT54LT1G_11 Datasheet
78Kb / 3P
   Dual Series Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54ALT1G LRC-LBAT54ALT1G_11 Datasheet
86Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54WT1G LRC-LBAT54WT1G_11 Datasheet
146Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
LBAT54XV2T1G LRC-LBAT54XV2T1G Datasheet
150Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed
logo
ON Semiconductor
BAT54XV2T1G ONSEMI-BAT54XV2T1G Datasheet
96Kb / 4P
   Schottky Barrier Diodes Extremely Fast Switching Speed
February, 2013 ??Rev. 8
BAS70LT1G ONSEMI-BAS70LT1G_11 Datasheet
131Kb / 3P
   Schottky Barrier Diodes Extremely Fast Switching Speed Low Forward Voltage
November, 2011 ??Rev. 8
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com