Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMY30J2M1-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMY30J2M1-GS08
Description  Low Current SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY30J2M1-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMY30J2M1-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMY30J2M1-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 81322
Rev. 1.2, 01.-Dec-09
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
For technical support, please contact: LED@vishay.com
Note:
Luminous Intensity is tested at a current pulse duration of 25 ms and
an accuracy of ± 11 %. The above type numbers represent the order
grous which include only a few brightness groups. Only one group
will be shipped in one reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness groups
will not be orderable. In a similar manner for colors where
wavelength groups are measured and binned, single wavelength
groups will be shipped in any one reel. In order to ensure availability,
single wavelength groups will not be orderable.
Note:
Wavelengths are tested at a current pulse duration of 25 ms and an
accuracy of ± 1 nm.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
H
1
2.8
3.55
2
3.55
4.5
J
1
4.5
5.6
2
5.6
7.1
K
1
7.1
9.0
2
9.0
11.2
L
1
11.2
14.0
2
14.0
18.0
M
1
18.0
22.4
2
22.4
28.0
COLOR CLASSIFICATION
GROUP
YELLOW
ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
1
581
584
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
CROSSING TABLE
VISHAY
OSRAM
VLMO30K1L2
LOT67K-K1L2
VLMO30K1M2
LOT67K-K1M2
VLMO30L1M2
LOT67K-L1M2
VLMS30J1K2
LST67K-J1K2
VLMS30J1L2
LST67K-J1L2
VLMS30K1L2
LST67K-K1L2
VLMY30J2L1
LYT67K-J2L1
VLMY30J2M1
LYT67K-J2M1
VLMY30K2M1
LYT67K-K2M1
Figure 1. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
18254
100
80
60
40
20
0
Tamb - Ambient Temperature (°C)
Figure 2. Forward Current vs. Pulse Length
10
100
1000
0.01
0.1
1
10
100
tp - Pulse Duration (ms)
17557
t
p/T= 0.01
0.05
0.2
0.5
1
0.02
0.1


Similar Part No. - VLMY30J2M1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY30J2M1-GS08 VISHAY-VLMY30J2M1-GS08 Datasheet
184Kb / 9P
   Low Current SMD LED PLCC-2
VLMY30J2M1-GS08 VISHAY-VLMY30J2M1-GS08 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
More results

Similar Description - VLMY30J2M1-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMT3100 VISHAY-TLMT3100 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3101 VISHAY-TLMC3101 Datasheet
78Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMA3100 VISHAY-TLMA3100 Datasheet
77Kb / 6P
   Low Current SMD LED
Rev. A1, 04-Feb-99
TLMC3100 VISHAY-TLMC3100 Datasheet
58Kb / 6P
   Low Current SMD LED
Rev. A2, 06-Jun-00
logo
HK TO-GRACE TECHNOLOGY ...
VLMY10J2K2-4 TO-GRACE-VLMY10J2K2-4 Datasheet
736Kb / 8P
   Low Current 0603 SMD LED
TLMO1000 TO-GRACE-TLMO1000 Datasheet
824Kb / 11P
   Low Current 0603 SMD LED
logo
Vishay Siliconix
VLMY10J2K2-4 VISHAY-VLMY10J2K2-4 Datasheet
168Kb / 8P
   Low Current 0603 SMD LED
Rev. 1.2, 15-Mar-16
TLMY1000 VISHAY-TLMY1000_V02 Datasheet
248Kb / 12P
   Low Current 0603 SMD LED
01-Jan-2023
TLMO1000 VISHAY-TLMO1000_V01 Datasheet
204Kb / 11P
   Low Current 0603 SMD LED
01-Jan-2022
VLMS20 VISHAY-VLMS20_V01 Datasheet
350Kb / 11P
   Low Current Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com