Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4523GH Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4523GH
Description  Simple Drive Requirement, Good Thermal Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4523GH Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4523GH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4523GH Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Simple Drive Requirement
N-CH BVDSS
40V
▼ Good Thermal Performance
RDS(ON)
45mΩ
▼ Fast Switching Performance
ID
13A
▼ RoHS Compliant
P-CH
BVDSS
-40V
RDS(ON)
60mΩ
Description
ID
-11A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±10
±20
V
ID@TC=25℃
Continuous Drain Current
3
13
-11
A
ID@TC=100℃
Continuous Drain Current
3
8.1
-7
A
IDM
Pulsed Drain Current
1
50
-50
A
PD@TC=25℃
Total Power Dissipation
7.8
W
Linear Derating Factor
0.0625
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
3
Max.
12
℃/W
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
110
℃/W
Data and specifications subject to change without notice
Parameter
201124051-1/7
Thermal Data
AP4523GH
Pb Free Plating Product
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
S1
TO-252-4L
G1
S2
G2
D1/D2
G2
D2
S2
G1
D1
S1


Similar Part No. - AP4523GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4523GH A-POWER-AP4523GH_14 Datasheet
99Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4523GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4563GH-HF A-POWER-AP4563GH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4513GH-A A-POWER-AP4513GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4543GEH-HF A-POWER-AP4543GEH-HF Datasheet
183Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH A-POWER-AP4578GH_11 Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com