Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4578GH Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP4578GH
Description  Simple Drive Requirement, Good Thermal Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4578GH Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP4578GH_11 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4578GH_11 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP4578GH
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
6
0
5
10
15
20
01
23
45
67
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-10V
-7.0V
-5.0V
-4.5V
V G = - 3.0V
0
5
10
15
20
024
68
10
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
-10V
-7.0V
-5.0V
-4.5V
V G = - 3.0V
95
105
115
125
135
2468
10
-V GS , Gate-to-Source Voltage (V)
I D =-2 A
T C =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-3 A
V G = - 10V
0
1
2
3
0
0.2
0.4
0.6
0.8
1
1.2
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.5
1
1.5
2
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP4578GH_11

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF_14 Datasheet
128Kb / 7P
   Simple Drive Requirement
AP4578GH-HF A-POWER-AP4578GH-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
More results

Similar Description - AP4578GH_11

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4563GH-HF A-POWER-AP4563GH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4513GH-A A-POWER-AP4513GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4543GEH-HF A-POWER-AP4543GEH-HF Datasheet
183Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com