Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4578GM-HF Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4578GM-HF
Description  Simple Drive Requirement, Lower Gate Charge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4578GM-HF Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4578GM-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4578GM-HF Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP4578GM-HF
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D =4 A
V DS =48 V
10
100
1000
1
5
9
131721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 135℃/W
t
T
0.02
0.01
0.1
1
10
100
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
5
10
15
20
25
024
68
V GS , Gate-to-Source Voltage (V)
T j =125
o C
T j =25
o C
V DS =5V


Similar Part No. - AP4578GM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4578GM-HF A-POWER-AP4578GM-HF_14 Datasheet
199Kb / 8P
   Simple Drive Requirement
AP4578GM-HF A-POWER-AP4578GM-HF_16 Datasheet
93Kb / 8P
   Fast Switching Performance
More results

Similar Description - AP4578GM-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP62T03GJ A-POWER-AP62T03GJ Datasheet
105Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4511GED-HF A-POWER-AP4511GED-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP4800DGM-HF A-POWER-AP4800DGM-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4433GM-HF A-POWER-AP4433GM-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP4503BGO-HF A-POWER-AP4503BGO-HF Datasheet
151Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP4539GM-HF A-POWER-AP4539GM-HF Datasheet
118Kb / 7P
   Simple Drive Requirement, Lower Gate Charge
AP9408AGP A-POWER-AP9408AGP Datasheet
151Kb / 5P
   Lower Gate Charge, Simple Drive Requirement
AP9412GJ A-POWER-AP9412GJ Datasheet
70Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP4034AGM-HF A-POWER-AP4034AGM-HF Datasheet
101Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
AP9479GM-HF A-POWER-AP9479GM-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Lower Gate Charge
AP6680BGM-HF A-POWER-AP6680BGM-HF Datasheet
99Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com