Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC807-16DMT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC807-16DMT1G
Description  Dual General Purpose Transistors PNP Duals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-16DMT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC807-16DMT1G Datasheet HTML 1Page - Leshan Radio Company LBC807-16DMT1G Datasheet HTML 2Page - Leshan Radio Company LBC807-16DMT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
45
V
Collector–Base Voltage
V CBO
50
V
Emitter–Base Voltage
V EBO
5.0
V
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA = 25°C
370
mW
Derate above 25°C
3.0
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
333
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) TA = 25°C
600
mW
Derate above 25°C
4.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
208
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LBC807–16 DMT1G = 5A; LBC807–25DMT1G = 5B; LBC807–40DMT1G = 5C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V (BR)CEO
45
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10
µA)
V (BR)CES
50
V
Emitter–Base Breakdown Voltage
(I E = –1.0
µA)
V (BR)EBO
5.0
V
Collector Cutoff Current
I CBO
(VCB = 20 V)
100
nA
(VCB = 20 V, TA = 150°C)
5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
LBC807-16DMT1G
LBC807-25DMT1G
LBC807-40DMT1G
LESHAN RADIO COMPANY, LTD.
We declare that the material of product compliance with RoHS requirements.
PNP Duals
SC-74
1
3
2
6
4
5
Q2
Q1
Rev.O 1/3


Similar Part No. - LBC807-16DMT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G Datasheet
190Kb / 10P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC807-16LT1G LEIDITECH-LBC807-16LT1G Datasheet
1Mb / 10P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
   General Purpose Transistors PNP Silicon
More results

Similar Description - LBC807-16DMT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC846BPDW1T1 LRC-LBC846BPDW1T1 Datasheet
253Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R Datasheet
152Kb / 4P
   Dual General Purpose PNP Transistors
logo
Weitron Technology
BC856BDW WEITRON-BC856BDW Datasheet
1Mb / 6P
   PNP Dual General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com