Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC807-16LT1G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LBC807-16LT1G
Description  General Purpose Transistors PNP Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC807-16LT1G Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LBC807-16LT1G Datasheet HTML 2Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 3Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 4Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 5Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 6Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 7Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 8Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 9Page - Leshan Radio Company LBC807-16LT1G Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
LBC807-16LT1G,LBC807-25LT1G,LBC807-40LT1G
TYPICAL CHARACTERISTICS − LBC807−40LT1G
Figure 16. DC Current Gain vs. Collector
Current
Figure 17. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
200
400
600
800
1000
1
0.1
0.01
0.001
0.01
0.1
1
Figure 18. Base Emitter Saturation Voltage vs.
Collector Current
Figure 19. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
1.1
1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 10
150°C
−55°C
25°C
0.4
0.9
IC/IB = 10
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
Figure 20. Current Gain Bandwidth Product
vs. Collector Current
IC, COLLECTOR CURRENT (A)
1000
10
1
0.1
10
100
VCE = 1 V
TA = 25°C
1000
100
100
300
500
700
900
Rev.O 7/10


Similar Part No. - LBC807-16LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC807-16LT1G LEIDITECH-LBC807-16LT1G Datasheet
1Mb / 10P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC807-16LT1G LRC-LBC807-16LT1G_15 Datasheet
263Kb / 10P
   General Purpose Transistors
More results

Similar Description - LBC807-16LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com