Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC817-16LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC817-16LT1G
Description  General Purpose Transistors NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC817-16LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC817-16LT1G_11 Datasheet HTML 1Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 6Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 7Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 8Page - Leshan Radio Company LBC817-16LT1G_11 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
3
2
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
45
V
Collector–Base Voltage
V CBO
50
V
Emitter–Base Voltage
V EBO
5.0
V
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LBC817–16LT1G = 6A; LBC817–25LT1G = 6B; LBC817–40LT1G = 6C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mA)
V (BR)CEO
45
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = 10
µA)
V (BR)CES
50
V
Emitter–Base Breakdown Voltage
(I E = 1.0
µA)
V (BR)EBO
5.0
V
Collector Cutoff Current
I CBO
(VCB = 20 V)
100
nA
(VCB = 20 V, TA = 150°C)
5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
LBC817-16LT1G
LBC817-25LT1G
LBC817-40LT1G
SOT–23
2
EMITTER
3
COLLECTOR
1
BASE
LESHAN RADIO COMPANY, LTD.
We declare that the material of product compliance with RoHS requirements.
NPN Silicon
Rev.O 1/10


Similar Part No. - LBC817-16LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC817-16LT1G LRC-LBC817-16LT1G_15 Datasheet
296Kb / 10P
   General Purpose Transistors
More results

Similar Description - LBC817-16LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com