Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC848CLT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC848CLT3G
Description  General Purpose Transistors NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC848CLT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC848CLT3G Datasheet HTML 1Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 2Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 3Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 4Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 5Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 6Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 7Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 8Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ALT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage LBC846A,B
(IC = 10 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CEO
65
45
30
V
Collector–Emitter Breakdown Voltage LBC846A,B
(IC = 10 µA, VEB = 0)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CES
80
50
30
V
Collector–Base Breakdown Voltage
LB
C846A,B
(IC = 10 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)CBO
80
50
30
V
Emitter–Base Breakdown Voltage
LB
C846A,B
(IE = 1.0 mA)
LB
C847A,B,C, LBC850B,C
LB
C848A,B,C, LBC849B,C
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 mA, VCE = 5.0 V)
LB
C846A, LBC847A, LBC848A
LB
C846B, LBC847B, LBC848B,
LB
C849B, LBC850B
LB
C847C, LBC848C, LBC849C, LBC850C
hFE
110
200
420
180
290
520
220
450
800
Collector–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base–Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base–Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (IC = 0.2 mA,
(VCE = 5.0 Vdc, RS = 2.0 kΩ
LB
C846A,B, LBC847A,B,C, LBC848A,B,C
f = 1.0 kHz, BW = 200 Hz)
LB
C849B,C, LBC850B,C
NF
10
4.0
dB
Rev.O 3/13


Similar Part No. - LBC848CLT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LBC848CLT3G LEIDITECH-LBC848CLT3G Datasheet
1Mb / 13P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC848CLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com