Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC848CLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC848CLT3G
Description  General Purpose Transistors NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC848CLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC848CLT3G Datasheet HTML 1Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 2Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 3Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 4Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 5Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 6Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 7Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 8Page - Leshan Radio Company LBC848CLT3G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
3
xx
MARKING DIAGRAM
xx= Device Marking
(See Table Below)
LBC846ALT1G
Series
NPN Silicon
Moisture Sensitivity Level: 1
ESD Rating – Human Body Model: >4000 V
ESD Rating – Machine Model: >400 V
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
CO LLECT O R
1
BASE
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VCEO
65
45
30
Vdc
Collector–Base Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VCBO
80
50
30
Vdc
Emitter–Base Voltage
L
BC846
L
BC847, LBC850
L
BC848, LBC849
VEBO
6.0
6.0
5.0
Vdc
Collector Current – Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 1.)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 1.)
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2.)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 2.)
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to
+150
°C
1
SOT–23
We declare that the material of product compliance with RoHS requirements.
2
3
Rev.O 1/13
1
2


Similar Part No. - LBC848CLT3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LBC848CLT3G LEIDITECH-LBC848CLT3G Datasheet
1Mb / 13P
   General Purpose Transistors NPN Silicon
More results

Similar Description - LBC848CLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com