Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-3057-24A Datasheet(PDF) 11 Page - Amphenol Corporation

Part # MS-3057-24A
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-3057-24A Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button MS-3057-24A Datasheet HTML 7Page - Amphenol Corporation MS-3057-24A Datasheet HTML 8Page - Amphenol Corporation MS-3057-24A Datasheet HTML 9Page - Amphenol Corporation MS-3057-24A Datasheet HTML 10Page - Amphenol Corporation MS-3057-24A Datasheet HTML 11Page - Amphenol Corporation MS-3057-24A Datasheet HTML 12Page - Amphenol Corporation MS-3057-24A Datasheet HTML 13Page - Amphenol Corporation MS-3057-24A Datasheet HTML 14Page - Amphenol Corporation MS-3057-24A Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
9
Insert
rrangements
A
Front face of pin insert or rear of socket insert illustrated
CONTACT LEGEND
16
12
8
4
0
B
A
H
C
D
E
F
G
B
A
C
D
E
F
G
A
C
D
B
A
B
C
D
A
B
C
D
E
F
B
A
D
C
B
A
C
D
E
B
C
A
A
B
A
B
A
B
A
B
C
D
E
A
B
C
D
E
F
G
H
J
K
A
G
B
C
D
E
F
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
Insert arrangement
Service rating
Number of contacts
Contact size
Premating contact
16-10
A
3
12
B
B
A
D
C
18-4
D
4
16
A
18-10
A
4
12
D
B
A
C
18-5
D
2 1
12 16
C
18-11
A
5
12
E
18-12
A
6
16
C or D
18-19
A
10
16
K
*18-13
A
1 3
8 12
A
18-20
A
5
16
D
18-8
A
1 7
12 16
H
16-11
A
2
12
16-12
A
1
4
*16-13
A
2
12
A
B
C
D
E
F
G
H
I
J
18-1
B,C,F,G=A;Bal.=Inst.
10
16
A
B
18-3
D
2
12
18-9
Inst.
2 5
12 16
18-15
A
4
12
*18-14
A
1 1
4 16
18-7
B
1
8
*18-6
D
1
4
18-16
C
1
12
100 rotation
of 18-9
-o
*18-17
Inst.
2 5
12 16
MS And 97B Series
*Not tooled up, can be tooled up on request. Contact Factory.
A
B
C
D
A
B
C
16-7
A
1 2
8 16
C
16-9
A
2 2
12 16
18-06
A
2 4
16 12
B
A
C
D
E
F
AMPHENOL


Similar Part No. - MS-3057-24A

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MS-30.05OHM WILLOW-MS-30.05OHM Datasheet
314Kb / 1P
   Bare Metal Element Resistors
logo
Mean Well Enterprises C...
MS-300 MEANWELL-MS-300 Datasheet
344Kb / 6P
   450W/650W/1000W Modular Power
More results

Similar Description - MS-3057-24A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52008-F BEL-SI-52008-F Datasheet
523Kb / 4P
   THIS PRODUCT IS COVERED BY U.S. PATENT
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Amphenol Corporation
EMD-4000B AMPHENOL-EMD-4000B Datasheet
53Kb / 4P
   Excellent interchangeability
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com