Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC856BLT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LBC856BLT1G
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC856BLT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LBC856BLT1G Datasheet HTML 1Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 2Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 3Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 4Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 5Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 6Page - Leshan Radio Company LBC856BLT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
t, TIME (ms)
Figure 13. Thermal Response
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
The safe operating area curves indicate I
C –V CE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 14 is based upon T
J(pk) = 150°C; T C or T A
is variable depending upon conditions. Pulse curves are valid for
duty cycles to 10% provided T
J(pk) < 150°C. T J(pk) may be calcu-
lated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power that can
be handled to values less than the limitations imposed by the sec-
ondary breakdown.
BC558
BC557
BC556
Z
θJC (t) = r(t) R θJC
R
θJC = 83.3°C/W MAX
Z
θJA (t) = r(t) R θJA
R
θJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R
θJC (t)
DUTY CYCLE, D = t
1 /t 2
t
1
t
2
P
(pk)
SINGLE PULSE
SINGLE PULSE
T
A= 25°C
T
J= 25°C
3 ms
1s
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
D=0.5
0.2
0.1
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
–1.0
–0.5
–10
–30 –45 –65 –100
–200
–100
–50
–10
–5.0
–2.0
LBC857CLT1G Series
Rev.O 6/7


Similar Part No. - LBC856BLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC856BLT1G LRC-LBC856BLT1G Datasheet
148Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
LBC856BLT1G LEIDITECH-LBC856BLT1G Datasheet
666Kb / 7P
   General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
LBC856BLT1G LRC-LBC856BLT1G_15 Datasheet
241Kb / 7P
   General Purpose Transistors
More results

Similar Description - LBC856BLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com