Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC850BLT1G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LBC850BLT1G
Description  General Purpose Transistors NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC850BLT1G Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LBC850BLT1G Datasheet HTML 3Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 4Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 5Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 6Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 7Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 8Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 9Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 10Page - Leshan Radio Company LBC850BLT1G Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ALT1G Series
LBC846B
Figure 13. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 14. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
1.4
1.8
2.2
2.6
3.0
0.5
5.0
20
50
100
-55
°C to 125°C
qVB for VBE
Figure 15. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 16. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1
0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib
Rev.O 7/13


Similar Part No. - LBC850BLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC850BLT1G LRC-LBC850BLT1G Datasheet
135Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC850BLT1G LEIDITECH-LBC850BLT1G Datasheet
1Mb / 13P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
LBC850BLT1G LRC-LBC850BLT1G_15 Datasheet
407Kb / 13P
   General Purpose Transistors
More results

Similar Description - LBC850BLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com