Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC858BWT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBC858BWT1G
Description  General Purpose Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC858BWT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBC858BWT1G Datasheet HTML 1Page - Leshan Radio Company LBC858BWT1G Datasheet HTML 2Page - Leshan Radio Company LBC858BWT1G Datasheet HTML 3Page - Leshan Radio Company LBC858BWT1G Datasheet HTML 4Page - Leshan Radio Company LBC858BWT1G Datasheet HTML 5Page - Leshan Radio Company LBC858BWT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC856
BC857
BC858
Unit
Collector–Emitter Voltage
V CEO
–65
–45
–30
V
Collector–Base Voltage
V CBO
–80
–50
–30
V
Emitter–Base Voltage
V EBO
–5.0
–5.0
–5.0
V
Collector Current — Continuous
I C
–100
–100
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
150
mW
TA = 25°C
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LBC856AWT1G= 3A; LBC856BWT1G= 3B; LBC857AWT1G= 3E; LBC857BWT1G = 3F;
LBC858AWT1G= 3J; LBC858BWT1G= 3K; LBC858CWT1G= 3L
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
– 65
(IC = –10 mA)
V (BR)CEO
– 45
v
– 30
Collector–Emitter Breakdown Voltage
– 80
(IC = –10 µA, VEB = 0)
V (BR)CES
– 50
v
– 30
Collector–Base Breakdown Voltage
– 80
(IC = – 10 µA)
V (BR)CBO
– 50
v
– 30
Emitter–Base Breakdown Voltage
– 5.0
(IE = – 1.0 µA)
V (BR)EBO
– 5.0
v
– 5.0
Collector Cutoff Current (VCB = – 30 V)
I CBO
– 15
nA
(VCB = – 30 V, TA = 150°C)
– 4.0
µA
1.FR–5=1.0 x 0.75 x 0.062in
These transistors are designed for general purpose
amplifier applications. They are housed in the SOT–323/
SC–70 which is designed for low power surface mount
applications.
1
3
2
LBC856AWT1G, BWT1G
LBC857AWT1G, BWT1G
LBC858AWT1G, BWT1G
CWT1G
2
EMITTER
3
COLLECTOR
1
BASE
LBC856 Series
LBC857 Series
LBC858 Series
LBC856 Series
LBC857B Only
LBC858 Series
LBC856 Series
LBC857 Series
LBC858 Series
LBC856 Series
LBC857 Series
LBC858 Series
SOT– 323 / SC-70
Features
RoHS requirements.
We declare that the material of product compliance with
CWT1G
LBC857CWT1G= 3G;
Rev.O 1/6


Similar Part No. - LBC858BWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC858BWT1G LRC-LBC858BWT1G_15 Datasheet
284Kb / 6P
   General Purpose Transistors
More results

Similar Description - LBC858BWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com