Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4010C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4010C
Description  Hex Buffers (Non-Inverting)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4010C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4010C Datasheet HTML 1Page - Fairchild Semiconductor CD4010C Datasheet HTML 2Page - Fairchild Semiconductor CD4010C Datasheet HTML 3Page - Fairchild Semiconductor CD4010C Datasheet HTML 4Page - Fairchild Semiconductor CD4010C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings indicate limits beyond which damage
to the device may occur. Operating Ratings indicate conditions for which
the device is functional, but do not guarantee specific performance limits.”
Note 2: This device should not be connected to circuits with the power on
because high transient voltage may cause permanent damage.
DC Electrical Characteristics
Note 3: IDN and IDP are tested one output at a time.
Voltage at Any Pin (Note 2)
VSS − 0.3V to VSS +15.5V
Operating Temperature Range
−45°C to +85°C
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Operating Range (VDD)VSS + 3V to VSS + 15V
Test Conditions
Limits
Symbol
Characteristics
(Volts)
−40°C
+25°C
+85°CUnits
VO
VDD
Min
Max
Min
Typ
Max
Min
Max
ICC
Quiescent Device
5
3
0.03
3
42
µA
Current
10
5
0.05
5
70
µA
PD
Quiescent Device
5
15
0.15
15
210
µW
Dissipation/Package
10
50
0.5
50
700
µW
Output Voltage
5
0.01
0
0.01
0.05
V
VOL
LOW Level
10
0.01
0
0.01
0.05
V
VOH
HIGH Level
5
4.99
4.99
5
4.95
V
10
9.99
9.99
10
9.95
V
Noise Immunity
(All Inputs)
VNL
VO ≥ 1.5
5
1.6
1.5
2.25
1.4
V
VO ≥ 3.0
10
3.2
3
4.5
2.9
V
VNH
VO ≥ 3.5
5
1.4
1.5
2.25
1.5
V
VO ≥ 7.0
10
2.9
3
4.5
3
V
Output Drive Current
0.4
5
3.6
3
2.4
mA
IDN
N-Channel (Note 3)
0.5
10
9.6
8
6.4
mA
IDP
P-Channel (Note 3)
2.5
5
−1.5
−1.25
−1mA
9.5
10
−0.72
−0.6
−0.48
mA
IIN
Input Current
10
pA


Similar Part No. - CD4010C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4010C NSC-CD4010C Datasheet
87Kb / 3P
   Hex Buffers
CD4010C NSC-CD4010C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
More results

Similar Description - CD4010C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B_15 Datasheet
140Kb / 12P
   Hex non-inverting buffers
Rev. 8-18 November 2011
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com