Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-108456 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # MS-108456
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-108456 Datasheet(HTML) 3 Page - Amphenol Corporation

  MS-108456 Datasheet HTML 1Page - Amphenol Corporation MS-108456 Datasheet HTML 2Page - Amphenol Corporation MS-108456 Datasheet HTML 3Page - Amphenol Corporation MS-108456 Datasheet HTML 4Page - Amphenol Corporation MS-108456 Datasheet HTML 5Page - Amphenol Corporation MS-108456 Datasheet HTML 6Page - Amphenol Corporation MS-108456 Datasheet HTML 7Page - Amphenol Corporation MS-108456 Datasheet HTML 8Page - Amphenol Corporation MS-108456 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Introduction
Page Contents
1
2-3
4
5
6
7-18
19-25
26-29
30-33
34
35
Introduction
Connector styles
General description
Electrical data
Insert orientations
Insert arrangements
Shell types
Back accessories
Other accessories
MS/97B Series
Ordering MS/97B series
connectors
Amphenol MS and 97B series are two series of thread & Bayonet-
coupled connectors designed to meet the operating requirements
of
MIL-C-5015. Available in a variety of styles and classes, these
connectors are primarily used in a range of military and industrial
applications where specific degrees of environmental protection
are required.
Although MS series have identical insert arrangements and other
similar component parts, the two series differ in that Amphenol MS
series of connectors are also qualified to meet the operating
requirements of Defence Standard Joint Services Specification
JSS50812, issued by the Electronics Components
Standardization Organisation (LCSO).
Amphenol 97B connectors feature a quick mating bayonet
coupling with an audible full mating feature. This series uses the
same
MIL-C-5015 insert patterns and are used in high shock
and vibration environments encountered in commercial,
geophysical, aerospace, ground support and shipboard
applications.
AMPHENOL
1
MS And 97B Series


Similar Part No. - MS-108456

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-108-1 RRE-MS-108-1 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-2 RRE-MS-108-2 Datasheet
98Kb / 2P
   Standard size Reed Sensor
MS-108-3 RRE-MS-108-3 Datasheet
98Kb / 2P
   Standard size Reed Sensor
logo
PIC GmbH
MS-108-3 PIC-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor - pitch 20.32 mm
logo
DB Lectro Inc
MS-108-3 DBLECTRO-MS-108-3 Datasheet
23Kb / 1P
   Reed Sensor ??pitch 20.32 mm
More results

Similar Description - MS-108456

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-52008-F BEL-SI-52008-F Datasheet
523Kb / 4P
   THIS PRODUCT IS COVERED BY U.S. PATENT
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
logo
Altera Corporation
EP3C120F780C8 ALTERA-EP3C120F780C8 Datasheet
836Kb / 34P
   The following sections provide information about the absolute maximum ratings, recommended operating conditions, DC characteristics, and other specifications for Cyclone IIIdevices
logo
STMicroelectronics
SRC0 STMICROELECTRONICS-SRC0 Datasheet
1Mb / 48P
   Power-up duration determined primarily by push-button press
May 2014 Rev 2
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Amphenol Corporation
EMD-4000B AMPHENOL-EMD-4000B Datasheet
53Kb / 4P
   Excellent interchangeability
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com