Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C9V1 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BZX79C9V1
Description  Series Half Watt Zeners
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX79C9V1 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BZX79C9V1 Datasheet HTML 1Page - Fairchild Semiconductor BZX79C9V1 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Tolerance: C = 5%
BZX79C 3V3 - 33 Series Half Watt Zeners
Electrical Characteristics
TA = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
@
@
@
Parameter
Value
Units
Storage Temperature Range
-65 to +200
°C
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10 seconds)
+ 230
°C
Total Device Dissipation
Derate above 25
°C
500
4.0
mW
mW/
°C
Surge Power**
30
W
*Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 2.0%
Device
VZ*
(V)
MIN
MAX
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZT
(mA)
VR
(V)
IR
(
µA)
TC
(mV/
°C)
MIN
MAX
BZX79C 3V3
BZX79C 3V6
BZX79C 3V9
BZX79C 4V3
BZX79C 4V7
3.1
3.4
3.7
4.0
4.4
3.5
3.8
4.1
4.6
5.0
95
90
90
90
80
5.0
5.0
5.0
5.0
5.0
600
600
600
600
500
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
25
15
10
5.0
3.0
- 3.5
- 3.5
- 3.5
- 3.5
- 3.5
0.0
0.0
+ 0.3
+ 1.0
+ 0.2
BZX79C 5V1
BZX79C 5V6
BZX79C 6V2
BZX79C 6V8
BZX79C 7V5
4.8
5.2
5.8
6.4
7.0
5.4
6.0
6.6
7.2
7.9
60
40
10
15
15
5.0
5.0
5.0
5.0
5.0
480
400
150
80
80
1.0
1.0
1.0
1.0
1.0
2.0
2.0
4.0
4.0
5.0
2.0
1.0
3.0
2.0
1.0
- 2.7
- 2.0
+ 0.4
+ 1.2
+ 2.5
+ 1.2
+ 2.5
+ 3.7
+ 4.5
+ 5.3
BZX79C 8V2
BZX79C 9V1
BZX79C 10
BZX79C 11
BZX79C 12
7.7
8.5
9.4
10.4
11.4
8.7
9.6
10.6
11.6
12.7
15
15
20
20
25
5.0
5.0
5.0
5.0
5.0
80
100
150
150
150
1.0
1.0
1.0
1.0
1.0
5.0
6.0
7.0
8.0
8.0
0.7
0.5
0.2
0.1
0.1
+ 3.2
+ 3.8
+ 4.5
+ 5.4
+ 6.0
+ 6.2
+ 7.0
+ 8.0
+ 9.0
+ 10
BZX79C 13
BZX79C 15
BZX79C 16
BZX79C 18
BZX79C 20
12.4
13.8
15.3
16.8
18.8
14.1
15.6
17.1
19.1
21.2
30
30
40
45
55
5.0
5.0
5.0
5.0
5.0
170
200
200
225
225
1.0
1.0
1.0
1.0
1.0
8.0
10.5
11.2
12.6
14
0.10
0.05
0.05
0.05
0.05
- 7.0
- 9.2
+ 10.4
+ 12.4
+ 14.4
+ 11
+ 13
+ 14
+ 16
+ 18
BZX79C 22
BZX79C 24
BZX79C 27
BZX79C 30
BZX79C 33
20.8
22.8
25.1
28
31
23.3
25.6
28.9
32
35
55
70
80
80
80
5.0
5.0
2.0
2.0
2.0
250
250
300
300
325
1.0
1.0
0.5
0.5
0.5
15.4
16.8
18.9
21
23.1
0.05
0.05
0.05
0.05
0.05
+ 16.4
+ 18.4
+ 21.4
+ 24.4
+ 27.4
+ 20
+ 22
+ 25.3
+ 29.4
+ 33.4
VF Foward Voltage = 1.5 V Maximum @ IF = 100 mA for all BZX 79 series
DO-35
Discrete POWER & Signal
Technologies
ã
1997 Fairchild Semiconductor Corporation


Similar Part No. - BZX79C9V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C9V1 FAIRCHILD-BZX79C9V1 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C9V1 NJSEMI-BZX79C9V1 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C9V1 EIC-BZX79C9V1 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C9V1 TSC-BZX79C9V1 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
First Components Intern...
BZX79C9V1 FCI-BZX79C9V1 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C9V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
1N4728A FAIRCHILD-1N4728A Datasheet
33Kb / 2P
   Series One Watt Zeners
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com