Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4017BCM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4017BCM
Description  Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4017BCM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4017BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4017BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA= 25°C, CL= 50 pF, RL= 200k, trCL and tfCL= 20 ns, unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, trCL and tfCL = 20 ns, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL, tPLH Propagation Delay Time Carry Out Line
VDD = 5V
415
800
ns
VDD = 10V
160
320
ns
VDD = 15V
130
250
ns
Carry Out Line
VDD = 5V
CL = 15 pF
240
480
ns
VDD = 10V
85
170
ns
VDD = 15V
70
140
ns
Decode Out Lines
VDD = 5V
500
1000
ns
VDD = 10V
200
400
ns
VDD = 15V
160
320
ns
tTLH, tTHL Transition Time Carry Out and Decode Out Lines
tTLH
VDD = 5V
200
360
ns
VDD = 10V
100
180
ns
VDD = 15V
80
130
ns
tTHL
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
fCL
Maximum Clock Frequency
VDD = 5V
Measured with
1.0
2
MHz
VDD = 10V
Respect to Carry
2.5
5
MHz
VDD = 15V
Output Line
3.0
6
MHz
tWL, tWH
Minimum Clock Pulse Width
VDD = 5V
125
250
ns
VDD = 10V
45
90
ns
VDD = 15V
35
70
ns
trCL, tfCL
Clock Rise and Fall Time
VDD = 5V
20
µs
VDD = 10V
15
µs
VDD = 15V
5
µs
tSU
Minimum Clock Inhibit Data Setup Time
VDD = 5V
120
240
ns
VDD = 10V
40
80
ns
VDD = 15V
32
65
ns
CIN
Average Input Capacitance
57.5
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RESET OPERATION
tPHL, tPLH
Propagation Delay Time
Carry Out Line
VDD = 5V
415
800
ns
VDD = 10V
160
320
ns
VDD = 15V
130
250
ns
Carry Out Line
VDD = 5V
240
480
ns
VDD = 10V
CL = 15 pF
85
170
ns
VDD = 15V
70
140
ns
Decode Out Lines
VDD = 5V
500
1000
ns
VDD = 10V
200
400
ns
VDD = 15V
160
320
ns
tW
Minimum Reset
VDD = 5V
200
400
ns
Pulse Width
VDD = 10V
70
140
ns
VDD = 15V
55
110
ns
tREM
Minimum Reset
VDD = 5V
75
150
ns
Removal Time
VDD = 10V
30
60
ns
VDD = 15V
25
50
ns


Similar Part No. - CD4017BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4017BCM FAIRCHILD-CD4017BCM Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BCM FAIRCHILD-CD4017BCM Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results

Similar Description - CD4017BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com