Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBR0520T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBR0520T1G
Description  Surface Mount Schottky Power Rectifier Pb-Free package is available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR0520T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBR0520T1G Datasheet HTML 1Page - Leshan Radio Company LMBR0520T1G Datasheet HTML 2Page - Leshan Radio Company LMBR0520T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb-Free package is available
The Schottky Power Rectifier employs the Schottky Barrier principle with a
barrier metal that produces optimal forward voltage drop–reverse current
tradeoff. Ideally suited for low voltage, high frequency rectification, or as free
wheeling and polarity protection diodes in surface mount applications where
compact size and weight are critical to the system. This package provides an
alternative to the leadless 34 MELF style package. These state–of–the–art
devices have the following features:
• Guardring for Stress Protection
• Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25°C)
• 125°C Operating Junction Temperature
• Epoxy Meets UL94, VO at 1/8″
• Package Designed for Optimal Automated Board Assembly
Mechanical Characteristics
• Reel Options: LMBR0520T1G = 3,000 per 7
reel / 8 mm tape.
Reel Options: LMBR0520T3G = 10,000 per
13
reel / 8 mm tape.
• Device Marking: B2
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
Volts
Average Rectified Forward Current (Rated VR) TL = 90°C
IF(AV)
0.5
Amps
Non–repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
5.5
Amps
Storage Temperature
Tstg
– 65 to +125
°C
Operating Junction Temperature
TJ
– 65 to +125
°C
Voltage Rate of Change (Rated VR)
dv/dt
1000
V/
µs
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Ambient (1)
R
θJA
340
°C/W
Thermal Resistance — Junction to Lead
R
θJL
150
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2)
VF
TJ = 25°C
TJ = 100°C
Volts
Maximum Instantaneous Forward Voltage (2)
(iF = 0.1 Amps)
(iF = 0.5 Amps)
0.300
0.385
0.220
0.330
Maximum Instantaneous Reverse Current (2)
IR
TJ = 25°C
TJ = 100°C
mA
Maximum Instantaneous Reverse Current (2)
(VR = 10 V)
(Rated dc Voltage = 20 V)
75
µA
250
µA
5 mA
8 mA
(1) FR–4 or FR–5 = 3.5 x 1.5 inches using the Motorola minimum recommended footprint.
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2%.
SOD–123
LESHAN RADIO COMPANY, LTD.
LMBR0520T1G
Surface Mount Schottky Power Rectifier
Rev.O 1/3


Similar Part No. - LMBR0520T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR0520T1G LRC-LMBR0520T1G_15 Datasheet
155Kb / 3P
   Surface Mount Schottky Power Rectifier
More results

Similar Description - LMBR0520T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
LMBR0530T1G LEIDITECH-LMBR0530T1G Datasheet
585Kb / 4P
   Surface Mount Schottky Power Rectifier pd-Free package is avaiiable
logo
Leshan Radio Company
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
   General Purpose Transistors Pb-Free packkage is available
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com