Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736 Datasheet(PDF) 5 Page - Analog Devices

Part # AD736
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736 Datasheet(HTML) 5 Page - Analog Devices

  AD736_12 Datasheet HTML 1Page - Analog Devices AD736_12 Datasheet HTML 2Page - Analog Devices AD736_12 Datasheet HTML 3Page - Analog Devices AD736_12 Datasheet HTML 4Page - Analog Devices AD736_12 Datasheet HTML 5Page - Analog Devices AD736_12 Datasheet HTML 6Page - Analog Devices AD736_12 Datasheet HTML 7Page - Analog Devices AD736_12 Datasheet HTML 8Page - Analog Devices AD736_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±16.5 V
Internal Power Dissipation
200 mW
Input Voltage
Pin 2 through Pin 8
±VS
Pin 1
±12 V
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
+VS and –VS
Storage Temperature Range (Q)
–65°C to +150°C
Storage Temperature Range (N, R)
–65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD Rating
500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP
165
°C/W
8-Lead CERDIP
110
°C/W
8-Lead SOIC
155
°C/W
ESD CAUTION


Similar Part No. - AD736_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results

Similar Description - AD736_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com