Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C18 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BZX85C18
Description  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX85C18 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BZX85C18 Datasheet HTML 1Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 2Page - Fairchild Semiconductor BZX85C18 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX85 Series Rev. C
2001 Fairchild Semiconductor Corporation
Device
V
Z(V)
Z
Z(Ω
Ω)
I
Z(mA)
Z
ZK(Ω
Ω)
I
ZK(mA)
I
R
µµµA)
V
R(V)
I
SURGE(mA)
I
ZRM(mA)
BZX85C 3V3
BZX85C 3V6
BZX85C 3V9
BZX85C 4V3
BZX85C 4V7
3.3
3.6
3.9
4.3
4.7
20
15
15
13
13
80
60
60
50
45
400
500
500
500
600
1.0
1.0
1.0
1.0
1.0
60
30
5.0
3.0
3.0
1.0
1.0
1.0
1.0
1.5
1,380
1,260
1,190
1,070
970
276
252
234
217
193
BZX85C 5V1
BZX85C 5V6
BZX85C 6V2
BZX85C 6V8
BZX85C 7V5
5.1
5.6
6.2
6.8
7.5
10
7.0
4.0
3.5
3.0
45
45
35
35
35
500
400
300
300
200
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
4.5
890
810
730
660
605
178
162
146
133
121
BZX85C 8V2
BZX85C 9V1
BZX85C 10
BZX85C 11
BZX85C 12
8.2
9.1
10
11
12
5.0
5.0
7.0
8.0
9.0
25
25
25
20
20
200
200
200
300
350
0.5
0.5
0.5
0.5
0.5
1.0
1.0
0.5
0.5
0.5
5.0
6.5
7.0
7.7
8.4
550
500
454
414
380
110
100
91
83
76
BZX85C 13
BZX85C 15
BZX85C 16
BZX85C 18
BZX85C 20
13
15
16
18
20
10
15
15
20
24
20
15
15
15
10
400
500
500
500
600
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
9.1
10.5
11
12.5
14
344
304
285
250
225
69
61
57
50
45
BZX85C 22
BZX85C 24
BZX85C 27
BZX85C 30
BZX85C 33
22
24
27
30
33
25
25
30
30
35
10
10
8.0
8.0
8.0
600
600
750
1,000
1,200
0.5
0.5
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
15.5
17
19
21
23
205
190
170
150
135
41
38
34
30
27
V
F
Foward Voltage = 1.2 V Maximum @ I
F
= 200 mA for all BZX85
series
Zeners
BZX85C 3V3 - BZX85C 33
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Tolerance: C = 5%
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.3
W
TSTG
Storage Temperature Range
-65 to +200
°C
T
J
Operating Junction Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10
seconds)
+ 230
°C
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
Electrical Characteristics
T
A = 25°C unless otherwise noted
@
@
@
DO-41
COLOR BAND DENOTES CATHODE


Similar Part No. - BZX85C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C18 VISHAY-BZX85C18 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C18 TSC-BZX85C18 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C18 NJSEMI-BZX85C18 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX85C18 EIC-BZX85C18 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
BZX85C18 TAK_CHEONG-BZX85C18 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com