Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR450 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BCR450
Description  LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR450 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BCR450 Datasheet HTML 6Page - Infineon Technologies AG BCR450 Datasheet HTML 7Page - Infineon Technologies AG BCR450 Datasheet HTML 8Page - Infineon Technologies AG BCR450 Datasheet HTML 9Page - Infineon Technologies AG BCR450 Datasheet HTML 10Page - Infineon Technologies AG BCR450 Datasheet HTML 11Page - Infineon Technologies AG BCR450 Datasheet HTML 12Page - Infineon Technologies AG BCR450 Datasheet HTML 13Page - Infineon Technologies AG BCR450 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
I
sense vers Temperature (VS); Vsense = 20 mV
Isense vers Temp_Vs_20mV_Vout1V.vsd
I_sense_vers Temp; Vs
V_sense = 20 mV; V_out = 1 V; V_en = 2.4 V
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
140.00
145.00
-40
-25
0
25
45
65
85
105
125
150
°C
Vs_8V
Vs_14V
Vs_27V
Vs_40V
Vs_42V
I
sense vers Vs (Temperature); Vsense = 20 mV
Isense vers Vs_Temp_20mV_Vout1V.vsd
I_sense_vers Vs; Temp
V_sense = 20 mV; V_out = 1 V; V_en = 2.4 V
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
140.00
145.00
8
14274042
Vs (V)
-40°C
-25°C
0°C
25°C
45°C
65°C
85°C
105°C
125°C
150°C
I
out vers Temperature (VS); Vsense = 20 mV
Iout vers Temp_Vs_20mV_Vout1V.vsd
I_out_vers Temp; Vs
V_sense = 20 mV; V_out = 1 V; V_en = 2.4 V
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
-40
-25
0
25
45
65
85
105
125
150
°C
Vs_8V
Vs_14V
Vs_27V
Vs_40V
Vs_42V
I
out vers Vs (Temperature); Vsense = 20 mV
I_out_vers Vs; Temp
V_sense = 20 mV; V_out = 1 V; V_en = 2.4 V
0.00
20.00
40.00
60.00
80.00
100.00
120.00
8
14274042
Vs (V)
-40°C
-25°C
0°C
25°C
45°C
65°C
85°C
105°C
125°C
150°C
Datasheet
10
Rev. 3.1, 2013-02-21
BCR450
LED Driver IC
Measured Parameters
V
s = 14 V, Vout = 1 V; EN = 2.4 V
I
out vers Temperature (VSense)
Iout vers Temp_Vsense_Vs14V_Vout1V.vsd
I_out_vers Temp; Vsense
V_s = 14 V; V_out = 1 V; V_en = 2.4 V
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
-40
-25
0
25
45
65
85
105
125
150
°C
110mV
114mV
118mV
122mV
126mV
130mV
134mV
138mV
140mV
142mV
144mV
146mV
148mV
150mV
152mV
154mV
156mV
I
out vers Vsense (Temperature)
Iout vers Vsense_Temp_Vs14V_Vout1V.vsd
I_out_vers V_sense; Temp
V_s = 14 V; V_out = 1 V; V_en = 2.4 V
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
Vsense (mV)
-40°C
-25°C
0°C
25°C
45°C
65°C
85°C
105°C
125°C
150°C


Similar Part No. - BCR450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR450E6327 INFINEON-BCR450E6327 Datasheet
373Kb / 16P
   LED Driver IC
Rev. 3.1, Feb. 2013
More results

Similar Description - BCR450

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com