Selected language     English  ▼


CD4046BCM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. CD4046BCM
Description  Micropower Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 5 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Note 5: AC Parameters are guaranteed by DC correlated testing.
Phase Comparator State Diagrams
FIGURE 2.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCOIN
VDEM
Offset Voltage
RS
≥ 10 kΩ, V
DD = 5V
1.50
2.2
V
RS
≥ 10 kΩ, V
DD = 10V
1.50
2.2
RS
≥ 50 kΩ, V
DD = 15V
1.50
2.2
Linearity
RS
≥ 50 kΩ
VCOIN = 2.5V ± 0.3V, VDD = 5V
0.1
%
VCOIN = 5V ± 2.5V, VDD = 10V
0.6
VCOIN = 7.5V ± 5V, VDD = 15V
0.8
ZENER DIODE
VZ
Zener Diode Voltage
IZ = 50 µA6.3
7.0
7.7
V
RZ
Zener Dynamic Resistance
IZ = 1 mA
100




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE980Integrated Circuit CMOS Micropower Phase-Locked Loop PLL 1 2 3 4 5 NTE Electronics
CD4046BCMOS MICROPOWER PHASE-LOCKED LOOP 1 2 3 4 5 MoreTexas Instruments
CD4046BCMicropower Phase-Locked Loop 1 2 3 4 5 MoreNational Semiconductor (TI)
NE567Tone decoder/phase-locked loop 1 2 3 4 5 MoreNXP Semiconductors
TLC2942HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK 1 2 3 4 5 MoreTexas Instruments
HI5634High Performance Programmable Phase-Locked Loop for LCD Applications 1 2 3 4 5 MoreIntersil Corporation
XR-2212Precision Phase-Locked Loop 1 2 3 4 5 MoreExar Corporation
PI6C2401Phase-Locked Loop Clock Driver 1 2 3 4 Pericom Semiconductor Corporation
NE568A150MHz phase-locked loop 1 2 3 4 5 MoreNXP Semiconductors
54HC4046RPPhase-Locked Loop 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl