Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4046BCM Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # CD4046BCM
Description  Micropower Phase-Locked Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4046BCM Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button CD4046BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 9Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 10Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 11Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 12Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 13Page - Fairchild Semiconductor CD4046BCM Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.fairchildsemi.com
Design Information
This information is a guide for approximating the value of
external components for the CD4046B in a phase-locked-
loop system. The selected external components must be
within the following ranges: R1, R2
≥ 10 kΩ, R
S ≥ 10 kΩ,
C1
≥ 50 pF.
In addition to the given design information, refer to Figure
5, Figure 6, Figure 7 for R1, R2 and C1 component selec-
tions.
Using Phase Comparator I
Using Phase Comparator II
Characteristics
VCO Without Offset
VCO With Offset
VCO Without Offset
VCO With Offset
R2
= ∞
R2
= ∞
VCO Frequency
For No Signal Input
VCO in PLL system will adjust
VCO in PLL system will adjust to
to center frequency, fo
lowest operating frequency, fmin
Frequency Lock
2 fL = full VCO frequency range
Range, 2 fL
2 fL = fmax − fmin
Frequency Capture
Range, 2 fC
Loop Filter Component
Selection
For 2 fC, see Ref.
fC = fL
Phase Angle Between
90
° at center frequency (f
o), approximating
Always 0
° in lock
Single and Comparator
0
° and 180° at ends of lock range (2 f
L)
Locks on Harmonics
Yes
No
of Center Frequency
Signal Input Noise
High
Low
Rejection


Similar Part No. - CD4046BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
More results

Similar Description - CD4046BCM

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com