Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV05D680 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERZV05D680
Description  ZNR Transient/Surge Absorbers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV05D680 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERZV05D680 Datasheet HTML 1Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 2Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 3Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 4Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 5Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 6Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 7Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 8Page - Panasonic Semiconductor ERZV05D680 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 301 –
Reference Guide to Standard Products
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
@8/20µs
Maximum
Energy
(J)
Maximum
Peak Current
@8/20µs(A)
Recommended Applications
(V)
ACrms (V) DC (V)
max.(V)
Ip (A) 10/1000 µs 2 ms
1 time 2 times
ERZV05D180
18
(16–20)
11
14
40
1
0.6
0.4
250
125
For the low voltage circuit
ERZV07D180
36
2.5
1.1
0.9
500
250
ERZV09D180
36
5
2.6
2.2
1000
500
ERZV10D180
36
5
2.6
2.2
1000
500
ERZV14D180
36
10
5.2
4.3
2000
1000
ERZV20D180
36
20
13
12
3000
2000
ERZV05D220
22
(20–24)
14
18
48
1
0.7
0.5
250
125
ERZV07D220
43
2.5
1.3
1.1
500
250
ERZV09D220
43
5
3.2
2.6
1000
500
ERZV10D220
43
5
3.2
2.6
1000
500
ERZV14D220
43
10
6.3
5.3
2000
1000
ERZV20D220
43
20
16
14
3000
2000
ERZV05D270
27
(24–30)
17
22
60
1
0.9
0.7
250
125
ERZV07D270
53
2.5
1.6
1.3
500
250
ERZV09D270
53
5
3.9
3.2
1000
500
ERZV10D270
53
5
3.9
3.2
1000
500
ERZV14D270
53
10
7.8
6.5
2000
1000
ERZV20D270
53
20
19
17
3000
2000
ERZV05D330
33
(30–36)
20
26
73
1
1.1
0.8
250
125
ERZV07D330
65
2.5
2.0
1.6
500
250
ERZV09D330
65
5
4.8
4.0
1000
500
ERZV10D330
65
5
4.8
4.0
1000
500
ERZV14D330
65
10
9.5
7.9
2000
1000
ERZV20D330
65
20
24
21
3000
2000
ERZV05D390
39
(35–43)
25
31
86
1
1.2
0.9
250
125
ERZV07D390
77
2.5
2.4
1.9
500
250
ERZV09D390
77
5
5.6
4.7
1000
500
ERZV10D390
77
5
5.6
4.7
1000
500
ERZV14D390
77
10
11
9.4
2000
1000
ERZV20D390
77
20
28
25
3000
2000
ERZV05D470
47
(42–52)
30
38
104
1
1.5
1.1
250
125
ERZV07D470
93
2.5
2.8
2.3
500
250
ERZV09D470
93
5
6.8
5.6
1000
500
ERZV10D470
93
5
6.8
5.6
1000
500
ERZV14D470
93
10
14
11
2000
1000
ERZV20D470
93
20
34
30
3000
2000
ERZV05D560
56
(50–62)
35
45
123
1
1.8
1.3
250
125
ERZV07D560
110
2.5
3.4
2.7
500
250
ERZV09D560
110
5
8.1
6.7
1000
500
ERZV10D560
110
5
8.1
6.7
1000
500
ERZV14D560
110
10
16
13
2000
1000
ERZV20D560
110
20
41
36
3000
2000
ERZV05D680
68
(61–75)
40
56
150
1
2.2
1.6
250
125
ERZV07D680
135
2.5
4.1
3.3
500
250
ERZV09D680
135
5
9.8
8.2
1000
500
ERZV10D680
135
5
9.8
8.2
1000
500
ERZV14D680
135
10
20
16
2000
1000
ERZV20D680
135
20
49
44
3000
2000
ERZV05D820
82
(74–90)
50
65
145
5
3.5
2.5
800
600
Telephone, Communication Line
(DC 48 V)
ERZV07D820
135
10
7
5
1750
1250
ERZV09D820
135
25
14
10
3500
2500
ERZV10D820
135
25
14
10
3500
2500
ERZV14D820
135
50
28
20
6000
5000
ERZV20D820
135
100
56
40
10000
7000
Sep. 2010
00


Similar Part No. - ERZV05D680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV05D680 PANASONIC-ERZV05D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV05D680 PANASONIC-ERZV05D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D680 PANASONIC-ERZV05D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D680 PANASONIC-ERZV05D680 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV05D680 PANASONIC-ERZV05D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV05D680

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com