Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4071BC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4071BC
Description  Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4071BC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4071BC Datasheet HTML 1Page - Fairchild Semiconductor CD4071BC Datasheet HTML 2Page - Fairchild Semiconductor CD4071BC Datasheet HTML 3Page - Fairchild Semiconductor CD4071BC Datasheet HTML 4Page - Fairchild Semiconductor CD4071BC Datasheet HTML 5Page - Fairchild Semiconductor CD4071BC Datasheet HTML 6Page - Fairchild Semiconductor CD4071BC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
CD4081BC TA = 25°C, Input tr; tf = 20 ns, CL = 50 pF, RL = 200 kΩ, Typical temperature coefficient is 0.3%/°C
Note 5: AC Parameters are guaranteed by DC correlated testing.
Typical Performance Characteristics
Typical Transfer
Characteristics
Typical Transfer
Characteristics
Typical Transfer
Characteristics
Typical Transfer
Characteristics
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay Time,
VDD = 5V
100
250
ns
HIGH-to-LOW Level
VDD = 10V
40
100
ns
VDD = 15V
30
70
ns
tPLH
Propagation Delay Time,
VDD = 5V
120
250
ns
LOW-to-HIGH Level
VDD = 10V
50
100
ns
VDD = 15V
35
70
ns
tTHL, tTLH
Transition Time
VDD = 5V
90
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Any Gate
18
pF


Similar Part No. - CD4071BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071BC NSC-CD4071BC Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
National Semiconductor ...
CD4071BCJ NSC-CD4071BCJ Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BCM FAIRCHILD-CD4071BCM Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
National Semiconductor ...
CD4071BCN NSC-CD4071BCN Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
More results

Similar Description - CD4071BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
   Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B_15 Datasheet
169Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
   Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Unisonic Technologies
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com