Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV14D391 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ERZV14D391
Description  ZNR Transient/Surge Absorbers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV14D391 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ERZV14D391 Datasheet HTML 7Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 8Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 9Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 10Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 11Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 12Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 13Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 14Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 310 –
10 Series
Ratings and Characteristics
● Operating Temperature Range : –40 to 85 °C
● Storage Temperature Range : –40 to 125 °C
✽ Measured at 1 MHz
✽✽Ip Measuring current of clamping voltage 180 to 680 : 5 A, 820 to 182 : 25 A
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
✽✽Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 µs)
Capacitance
(max.)
(10/1000 µs) (2 ms)
1 time 2 times
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
@1 kHz (pF)
ERZV10D180
18(16 to 20)
11
14
36
0.05
2.6
2.2
1000
500
16000
ERZV10D220
22(20 to 24)
14
18
43
0.05
3.2
2.6
1000
500
11000
ERZV10D270
27(24 to 30)
17
22
53
0.05
3.9
3.2
1000
500
8000
ERZV10D330
33(30 to 36)
20
26
65
0.05
4.8
4.0
1000
500
6300
ERZV10D390
39(35 to 43)
25
31
77
0.05
5.6
4.7
1000
500
5200
ERZV10D470
47(42 to 52)
30
38
93
0.05
6.8
5.6
1000
500
4600
ERZV10D560
56(50 to 62)
35
45
110
0.05
8.1
6.7
1000
500
3750
ERZV10D680
68(61 to 75)
40
56
135
0.05
9.8
8.2
1000
500
2800
ERZV10D820
82(74 to 90)
50
65
135
0.4
14
10
3500 2500
2000
ERZV10D101
100(90 to 110)
60
85
165
0.4
17
12
3500 2500
1700
ERZV10D121
120(108 to 132)
75
100
200
0.4
20
14.5
3500 2500
1400
ERZV10D151
150(135 to 165)
95
125
250
0.4
25
18
3500 2500
1100
ERZV10D201
200(185 to 225)
130
170
340
0.4
35
25
3500 2500
430
ERZV10D221
220(198 to 242)
140
180
360
0.4
39
27.5
3500 2500
410
ERZV10D241
240(216 to 264)
150
200
395
0.4
42
30
3500 2500
380
ERZV10D271
270(247 to 303)
175
225
455
0.4
49
35
3500 2500
350
ERZV10D331
330(297 to 363)
210
270
545
0.4
58
42
3500 2500
300
ERZV10D361
360(324 to 396)
230
300
595
0.4
65
45
3500 2500
300
ERZV10D391
390(351 to 429)
250
320
650
0.4
70
50
3500 2500
300
ERZV10D431
430(387 to 473)
275
350
710
0.4
80
55
3500 2500
270
ERZV10D471
470(423 to 517)
300
385
775
0.4
85
60
3500 2500
230
ERZV10D511
510(459 to 561)
320
410
845
0.4
92
67
3500 2500
210
ERZV10D621
620(558 to 682)
385
505
1025
0.4
92
67
3500 2500
190
ERZV10D681
680(612 to 748)
420
560
1120
0.4
92
67
3500 2500
170
ERZV10D751
750(675 to 825)
460
615
1240
0.4
100
70
3500 2500
160
ERZV10D821
820(738 to 902)
510
670
1355
0.4
110
80
3500 2500
140
ERZV10D911
910(819 to 1001)
550
745
1500
0.4
130
90
3500 2500
120
ERZV10D102 1000(900 to 1100)
625
825
1650
0.4
140
100
3500 2500
110
ERZV10D112
1100(990 to 1210)
680
895
1815
0.4
155
110
3500 2500
110
ERZV10D182CS 1800(1700 to 1980)
1000
1465
2970
0.4
247
183
35002500
70
Sep. 2010
00


Similar Part No. - ERZV14D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results

Similar Description - ERZV14D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com