Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR78M06CDT Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR78M06CDT
Description  3-Terminal 0.5A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR78M06CDT Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR78M06CDT Datasheet HTML 3Page - Leshan Radio Company LR78M06CDT Datasheet HTML 4Page - Leshan Radio Company LR78M06CDT Datasheet HTML 5Page - Leshan Radio Company LR78M06CDT Datasheet HTML 6Page - Leshan Radio Company LR78M06CDT Datasheet HTML 7Page - Leshan Radio Company LR78M06CDT Datasheet HTML 8Page - Leshan Radio Company LR78M06CDT Datasheet HTML 9Page - Leshan Radio Company LR78M06CDT Datasheet HTML 10Page - Leshan Radio Company LR78M06CDT Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Electrical Characteristics (LR78M18) (Continued)
(Refer to the test circuits, 0 < TJ < +125
°C, IO=350mA, VI=26V, unless otherwise specified, CI =0.33µF, CO=0.1µF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
17.3
18
18.7
V
IO = 5mA to 350mA
VI = 20.5V to 33V
17.1
18
18.9
Line Regulation (Note1)
∆VO
IO = 200mA
TJ = +25
°C
VI = 21V to 33V
-
-
100
mV
VI = 24V to 33V
-
-
50
Load Regulation (Note1)
∆VΟ
IO = 5mA to 0.5A, TJ = +25
°C
-
-
360
mV
IO = 5mA to 200mA, TJ = +25
°C
-
-
180
Quiescent Current
IQ
TJ = +25
°C-
4.2
6.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 21V to 33V
--
0.8
Output Voltage Drift
∆V/∆TIO = 5mATJ = 0 to 125°C-
-1.1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
100
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO= 300mA , VI = 22V to 32V
TJ =+25
°C
-70
-
dB
Dropout Voltage
VD
TJ = +25
°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI = 35V
-
300
-
mA
Peak Current
IPK
TJ = +25
°C
-
700
-
mA
LESHAN RADIO COMPANY, LTD.
7/11


Similar Part No. - LR78M06CDT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR7800 LRC-LR7800 Datasheet
178Kb / 7P
   LR7800 Series3-Terminal 1A Positive Voltage Regulators
logo
Seoul Semiconductor
LR780Z SEOUL-LR780Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR781 SEOUL-LR781 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR781 SEOUL-LR781 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR781 SEOUL-LR781 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR78M06CDT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com