Electronic Components Datasheet Search |
|
ERZV10D751 Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
ERZV10D751 Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 19 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. “ZNR” Transient/Surge Absorbers (Type D) – 306 – D T W W φ 0.6 L 7 Series ■ Ratings and Characteristics ● Operating Temperature Range: –40 to 85 °C ● Storage Temperature Range: –40 to 125 °C ✽ Measured at 1 MHz ✽✽Ip Measuring current of clamping voltage 180 to 680 : 25 A, 820 tp 511 : 10 A ■ Dimensions in mm (not to scale) ✽ Refer to page 320 to 321 about leads cut type and taping. Part No. Varistor Voltage Maximum Allowable Voltage Clamping Voltage (max.) ✽✽Ip Rated Power Maximum Energy Maximum Peak Current (8/20 µs) Capacitance (max.) (10/1000 µs) (2 ms) 1 time 2 times V1 mA (V) ACrms (V) DC (V) (V) (W) (J) (J) (A) (A) @1 kHz (pF) ERZV07D180 18(16 to 20) 11 14 36 0.02 1.1 0.9 500 250 3800 ERZV07D220 22(20 to 24) 14 18 43 0.02 1.3 1.1 500 250 3600 ERZV07D270 27(24 to 30) 17 22 53 0.02 1.6 1.3 500 250 3400 ERZV07D330 33(30 to 36) 20 26 65 0.02 2.0 1.6 500 250 2900 ERZV07D390 39(35 to 43) 25 31 77 0.02 2.4 1.9 500 250 1600 ERZV07D470 47(42 to 52) 30 38 93 0.02 2.8 2.3 500 250 1550 ERZV07D560 56(50 to 62) 35 45 110 0.02 3.4 2.7 500 250 1500 ERZV07D680 68(61 to 75) 40 56 135 0.02 4.1 3.3 500 250 1200 ERZV07D820 82(74 to 90) 50 65 135 0.25 7 5 1750 1250 810 ERZV07D101 100(90 to 110) 60 85 165 0.25 8.5 6 1750 1250 700 ERZV07D121 120(108 to 132) 75 100 200 0.25 10 7 1750 1250 590 ERZV07D151 150(135 to 165) 95 125 250 0.25 13 91750 1250 500 ERZV07D201 200(185 to 225) 130 170 340 0.25 17.5 12.5 1750 1250 200 ERZV07D221 220(198 to 242) 140 180 360 0.25 19 13.5 1750 1250 190 ERZV07D241 240(216 to 264) 150 200 395 0.25 21 15 1750 1250 170 ERZV07D271 270(247 to 303) 175 225 455 0.25 24 17 1750 1250 150 ERZV07D331 330(297 to 363) 210 270 545 0.25 28 20 1750 1250 130 ERZV07D361 360(324 to 396) 230 300 595 0.25 32 23 1750 1250 130 ERZV07D391 390(351 to 429) 250 320 650 0.25 35 25 1750 1250 130 ERZV07D431 430(387 to 473) 275 350 710 0.25 40 27.5 1750 1250 120 ERZV07D471 470(423 to 517) 300 385 775 0.25 42 30 1750 1250 100 ERZV07D511 510(459 to 561) 320 410 845 0.25 45 32 1750 1250 90 ✽ Part No. D max. T max. W ±1.0 H max. L ±1.0 ERZV07D180 8.5 4.5 5.0 11.5 1.3 ERZV07D220 8.5 4.6 5.0 11.5 1.4 ERZV07D270 8.5 4.7 5.0 11.5 1.5 ERZV07D330 8.5 4.9 5.0 11.5 1.7 ERZV07D390 8.5 4.8 5.0 11.5 1.6 ERZV07D470 8.5 4.9 5.0 11.5 1.7 ERZV07D560 8.5 5.0 5.0 11.5 1.8 ERZV07D680 8.5 5.2 5.0 11.5 2.0 ERZV07D820 8.5 4.1 5.0 11.5 1.4 ERZV07D101 8.5 4.3 5.0 11.5 1.6 ERZV07D121 8.5 4.5 5.0 11.5 1.8 ERZV07D151 8.5 4.8 5.0 11.5 2.1 ERZV07D201 8.5 4.4 5.0 11.5 1.7 ERZV07D221 8.5 4.5 5.0 11.5 1.8 ERZV07D241 8.5 4.6 5.0 11.5 1.9 ERZV07D271 8.5 4.8 5.0 11.5 2.1 ERZV07D331 8.5 5.1 5.0 11.5 2.4 ERZV07D361 8.5 5.3 5.0 11.5 2.5 ERZV07D391 8.5 5.4 5.0 11.5 2.7 ERZV07D431 8.5 5.6 5.0 11.5 2.9 ERZV07D471 8.5 5.8 5.0 11.5 3.1 ERZV07D511 8.5 6.0 5.0 11.5 3.3 Sep. 2010 00 |
Similar Part No. - ERZV10D751 |
|
Similar Description - ERZV10D751 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |