Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV20D102 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERZV20D102
Description  ZNR Transient/Surge Absorbers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV20D102 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERZV20D102 Datasheet HTML 1Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 2Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 3Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 4Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 5Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 6Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 7Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 8Page - Panasonic Semiconductor ERZV20D102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 300 –
E
1
R
2
Z
3
V
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
10
05
14
20
φ10 mm
φ14 mm
φ20 mm
φ5mm
09
φ7mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Norminal Varistor Voltage
D
07
φ10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
✽ Excluding φ20.
✽ Only the lead cut
E
1
R
2
Z
3
V
4
567
89
10
Product Code
11
12
Design No.
Series
Element Size
A
5
E
φ10 mm
φ14 mm
φ5mm
9
φ7mm
The first two digits are significant
figures and the third one denotes
the number of zeros following.
Nominal Varistor Voltage
D
7
φ10 mm
Lead Configuration
D
Crimped Lead
V
Straight Lead
Taping / Packaging
AtoD
EtoH
Radial Taping (P0=12.7 mm)
Radial Taping (P0=15.0 mm)
“ZNR” Transient/Surge Absorbers
Type:
D
Series:
V
“ZNR” Transient/Surge Absorber, Series V, Type D
features large surge current and energy handling
capability for absorbing transient overvoltage in a
compact size.
Explanation of Part Numbers (Bulk)
Handling Precautions
Please see Pages 335 to 337
Recommended Applications
● Transistor, diode, IC, thyristor or triac semiconductor
protection
● Surge protection in consumer electronic equipment
● Surge protection in communication, measuring or
controller electronics
● Surge protection in electronic home appliances, gas or
petroleum appliances
● Relay or electromagnetic valve surge absorption
Related Standards
● UL1414, UL1449
● CSA C22.2 No.1 Class 2221 01
VDE CECC42000, CECC42200, CECC42201, IEC61051
● “Type Designation(UL)”, “Part Number(CSA)” ,“Style
Ref. (VDE)”
Are not registered by product Part No..
(Refer to page 322, for the details)
Explanation of Part Numbers (Taping)
Features
● Large withstanding surge current capability in compact
sizes
● Large “Energy Handling Capability” absorbing transient
overvoltages in compact sizes
● Wide range of varistor voltages
● The standard products shown below have received
UL, CSA and VDE standards
Varistor voltage 82-150V
: UL, VDE
Varistor voltage 200V over : UL, CSA, VDE
(cf. Application Notes for UL/CSA, VDE recognized
parts on page 322 to 323)
Minimum Quantity / Packing Unit
Please see Page 360
Sep. 2010
00
●RoHS compliant


Similar Part No. - ERZV20D102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV20D102 PANASONIC-ERZV20D102 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZV20D102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
logo
Vishay Siliconix
ERZ-V20D431 VISHAY-ERZ-V20D431 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com