Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541BC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # CD4541BC
Description  Programmable Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4541BC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CD4541BC Datasheet HTML 1Page - Fairchild Semiconductor CD4541BC Datasheet HTML 2Page - Fairchild Semiconductor CD4541BC Datasheet HTML 3Page - Fairchild Semiconductor CD4541BC Datasheet HTML 4Page - Fairchild Semiconductor CD4541BC Datasheet HTML 5Page - Fairchild Semiconductor CD4541BC Datasheet HTML 6Page - Fairchild Semiconductor CD4541BC Datasheet HTML 7Page - Fairchild Semiconductor CD4541BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF (refer to test circuits)
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see Family Characteristics application note:
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTLH
Output Rise Time
VDD = 5V
50
200
ns
VDD = 10V
30
100
ns
VDD = 15V
25
80
ns
tTHL
Output Fall Time
VDD = 5V
50
200
ns
VDD = 10V
30
100
ns
VDD = 15V
25
80
ns
tPLH, tPHL
Turn-Off, Turn-On Propagation Delay,
VDD = 5V
1.8
4.0
µs
Clock to Q (28 Output)
VDD = 10V
0.6
1.5
µs
VDD = 15V
0.4
1.0
µs
tPHL, tPLH
Turn-On, Turn-Off Propagation Delay,
VDD = 5V
3.2
8.0
µs
Clock to Q (216 Output)
VDD = 10V
1.5
3.0
µs
VDD = 15V
1.0
2.0
µs
tWH(CL)
Clock Pulse Width
VDD = 5V
400
200
ns
VDD = 10V
200
100
ns
VDD = 15V
150
70
ns
fCL
Clock Pulse Frequency
VDD = 5V
2.5
1.0
MHz
VDD = 10V
6.0
3.0
MHz
VDD = 15V
8.5
4.0
MHz
tWH(R)
MR Pulse Width
VDD = 5V
400
170
ns
VDD = 10V
200
75
ns
VDD = 15V
150
50
ns
CI
Average Input Capacitance
Any Input
5.0
7.5
pF
CPD
Power Dissipation Capacitance (Note 5)
100
pF


Similar Part No. - CD4541BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4541BC NSC-CD4541BC Datasheet
137Kb / 6P
   Programmable Timer
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
86Kb / 8P
   Programmable Timer
CD4541BCM FAIRCHILD-CD4541BCM Datasheet
86Kb / 8P
   Programmable Timer
CD4541BCN FAIRCHILD-CD4541BCN Datasheet
86Kb / 8P
   Programmable Timer
logo
List of Unclassifed Man...
CD4541BCN ETC2-CD4541BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD4541BC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com