Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4538BCWM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # CD4538BCWM
Description  Dual Precision Monostable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538BCWM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CD4538BCWM Datasheet HTML 1Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 2Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 8Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed, they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5V to V
DD + 0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)
0 to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent
VDD = 5V
VIH = VDD
20
0.005
20
150
µA
Device Current
VDD = 10V
VIL = VSS
40
0.010
40
300
µA
VDD = 15V
All Outputs Open
80
0.015
80
600
µA
VOL
LOW Level
VDD = 5V
|IO| < 1 µA
0.05
0
0.05
0.05
V
Output Voltage
VDD = 10V
VIH = VDD, VIL = VSS
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
VDD = 5V
|IO| < 1 µA
4.95
4.95
5
4.95
V
Output Voltage
VDD = 10V
VIH = VDD, VIL = VSS
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4.50
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level
|IO| < 1 µA
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
5.50
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level
VDD = 5V, VO = 0.4V
VIH = VDD
0.52
0.44
0.88
0.36
mA
Output Current
VDD = 10V, VO = 0.5V
VIL = VSS
1.3
1.1
2.25
0.9
mA
(Note 3)
VD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
Output Current
VDD = 10V, VO = 9.5V
VIL = VSS
−1.3
−1.1
−2.25
−0.9
mA
(Note 3)
VD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current,
VDD = 15V, VIN = 0V or 15V
±0.02
±10−5 ±0.05
±0.5
µA
Pin 2 or 14
IIN
Input Current
VDD = 15V, VIN = 0V or 15V
±0.3
±10−5
±0.3
±1.0
µA
Other Inputs


Similar Part No. - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4538BCWM FAIRCHILD-CD4538BCWM Datasheet
139Kb / 11P
   Dual Precision Monostable
More results

Similar Description - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
   Dual Precision Monostable
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com