Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3SL70F780C3N Datasheet(PDF) 9 Page - Altera Corporation

Part # EP3SL70F780C3N
Description  Stratix III Device Family Overview
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70F780C3N Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP3SL70F780C3N Datasheet HTML 5Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 6Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 7Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 8Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 9Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 10Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 11Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 12Page - Altera Corporation EP3SL70F780C3N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Chapter 1: Stratix III Device Family Overview
1–9
Architecture Features
© March 2010
Altera Corporation
Stratix III Device Handbook, Volume 1
f For more information, refer to the Clock Networks and PLLs in Stratix III Devices
chapter.
I/O Banks and I/O Structure
Stratix III devices contain up to 24 modular I/O banks, each of which contains 24, 32,
36, 40, or 48 I/Os. This modular bank structure improves pin efficiency and eases
device migration. The I/O banks contain circuitry to support external memory
interfaces at speeds up to 533 MHz and high-speed differential I/O interfaces meeting
up to 1.6 Gbps performance. It also supports high-speed differential inputs and
outputs running at speeds up to 800 MHz.
Stratix III devices support a wide range of industry I/O standards, including
single-ended, voltage referenced single-ended, and differential I/O standards. The
Stratix III I/O supports programmable bus hold, programmable pull-up resistor,
programmable slew rate, programmable drive strength, programmable output delay
control, and open-drain output. Stratix III devices also support on-chip series (RS) and
on-chip parallel (RT) termination with auto calibration for single-ended I/O standards
and on-chip differential termination (RD) for LVDS I/O standards on Left/Right I/O
banks. Dynamic OCT is also supported on bi-directional I/O pins in all I/O banks.
f For more information, refer to the Stratix III Device I/O Features chapter.
External Memory Interfaces
The Stratix III I/O structure has been completely redesigned to provide flexibility and
enable high-performance support for existing and emerging external memory
standards such as DDR, DDR2, DDR3, QDR II, QDR II+, and RLDRAM II at
frequencies of up to 533 MHz.
Packed with features such as dynamic on-chip termination, trace mismatch
compensation, read/write leveling, half-rate registers, and 4-to 36-bit programmable
DQ group widths, Stratix III I/Os supply the built-in functionality required for rapid
and robust implementation of external memory interfaces. Double data-rate support
is found on all sides of the Stratix III device. Stratix III devices provide an efficient
architecture to quickly and easily fit wide external memory interfaces exactly where
you want them.
A self-calibrating soft IP core (ALTMEMPHY), optimized to take advantage of the
Stratix III device I/O, along with the Quartus II timing analysis tool (TimeQuest),
provide the total solution for the highest reliable frequency of operation across
process voltage and temperature.
f For more information about external memory interfaces, refer to the External Memory
Interfaces in Stratix III Devices chapter.
High-Speed Differential I/O Interfaces with DPA
Stratix III devices contain dedicated circuitry for supporting differential standards at
speeds up to 1.6 Gbps. The high-speed differential I/O circuitry supports the
following high-speed I/O interconnect standards and applications: Utopia IV, SPI-4.2,
SFI-4, 10 Gigabit Ethernet XSBI, Rapid I/O, and NPSI. Stratix III devices support 2×,
4×, 6×, 7×, 8×, and 10× SERDES modes for high-speed differential I/O interfaces and


Similar Part No. - EP3SL70F780C3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3SL70 ALTERA-EP3SL70 Datasheet
3Mb / 341P
   Stratix III Device Handbook, Volume 2
EP3SL70 ALTERA-EP3SL70 Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL70 ALTERA-EP3SL70 Datasheet
3Mb / 341P
   Stratix III Device Handbook
More results

Similar Description - EP3SL70F780C3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3SL110F1152C2N ALTERA-EP3SL110F1152C2N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP3SE260F1152I4N ALTERA-EP3SE260F1152I4N Datasheet
3Mb / 341P
   Stratix III Device Handbook,
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
EP3SL50F780C4 ALTERA-EP3SL50F780C4 Datasheet
3Mb / 341P
   Stratix III Device Handbook
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com