Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC970 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC970
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC970 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC970 Datasheet HTML 1Page - Motorola, Inc MPC970 Datasheet HTML 2Page - Motorola, Inc MPC970 Datasheet HTML 3Page - Motorola, Inc MPC970 Datasheet HTML 4Page - Motorola, Inc MPC970 Datasheet HTML 5Page - Motorola, Inc MPC970 Datasheet HTML 6Page - Motorola, Inc MPC970 Datasheet HTML 7Page - Motorola, Inc MPC970 Datasheet HTML 8Page - Motorola, Inc MPC970 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPC970
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
pci_pclk_enb
pci_clk
bclk>50dc
bclk50dc
pclk
2x_PCLK
PCLKEN
BCLKEN
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
PCI_CLK0
PCI_CLK1
PCI_CLK2
PCI_CLK3
PCI_CLK4
PCI_CLK5
PCI_CLK6
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze,
De–Skew
Freeze
Register
Mux
pci_clk6_frz
pci_clk5_frz
pci_clk4_frz
pci_clk3_frz
pci_clk2_frz
pci_clk1_frz
pci_clk0_frz
bclk4_frz
bclken_frz
pclken_frz
2x_plck_frz
bclk3_frz
bclk2_frz
bclk1_frz
bclk0_frz
Serial
Input
Register
Serial
Input
Controller
Clock
Dividers
÷2
BCLK_Div0
BCLK_Div1
PCI_Div0
PCI_Div1
MPC601_Clks
IntFB_Sel
Ext_FB
xtal2
xtal1
Ref_Sel
VCO_Sel
PLL_EN
TClk
PLL
fVCO
fVCO/2
2x_pclk
4x_pclk
Com_frz
Frz_Clk
Frz_Strobe
Frz_Data
MR/Tristate
Figure 2. Simplified Block Diagram


Similar Part No. - MPC970

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC972 MOTOROLA-MPC972 Datasheet
186Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC973 MOTOROLA-MPC973 Datasheet
186Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
   3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
More results

Similar Description - MPC970

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com