Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7064LC68-15 Datasheet(PDF) 5 Page - Altera Corporation

Part # EPM7064LC68-15
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064LC68-15 Datasheet(HTML) 5 Page - Altera Corporation

  EPM7064LC68-15 Datasheet HTML 1Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 2Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 3Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 4Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 5Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 6Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 7Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 8Page - Altera Corporation EPM7064LC68-15 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Altera Corporation
5
MAX 7000 Programmable Logic Device Family Data Sheet
The MAX 7000 architecture supports 100% TTL emulation and
high-density integration of SSI, MSI, and LSI logic functions. The
MAX 7000 architecture easily integrates multiple devices ranging from
PALs, GALs, and 22V10s to MACH and pLSI devices. MAX 7000 devices
are available in a wide range of packages, including PLCC, PGA, PQFP,
RQFP, and TQFP packages. See Table 5.
Notes:
(1)
When the JTAG interface in MAX 7000S devices is used for either boundary-scan testing or for ISP, four I/O pins
become JTAG pins.
(2)
Perform a complete thermal analysis before committing a design to this device package. For more information, see
the Operating Requirements for Altera Devices Data Sheet.
MAX 7000 devices use CMOS EEPROM cells to implement logic
functions. The user-configurable MAX 7000 architecture accommodates a
variety of independent combinatorial and sequential logic functions. The
devices can be reprogrammed for quick and efficient iterations during
design development and debug cycles, and can be programmed and
erased up to 100 times.
Table 5. MAX 7000 Maximum User I/O Pins
Note (1)
Device
44-
Pin
PLCC
44-
Pin
PQFP
44-
Pin
TQFP
68-
Pin
PLCC
84-
Pin
PLCC
100-
Pin
PQFP
100-
Pin
TQFP
160-
Pin
PQFP
160-
Pin
PGA
192-
Pin
PGA
208-
Pin
PQFP
208-
Pin
RQFP
EPM7032
36
36
36
EPM7032S
36
36
EPM7064
36
36
52
68
68
EPM7064S
36
36
68
68
EPM7096
52
64
76
EPM7128E
68
84
100
EPM7128S
68
84
84 (2)
100
EPM7160E
64
84
104
EPM7160S
64
84 (2)
104
EPM7192E
124
124
EPM7192S
124
EPM7256E
132 (2)
164
164
EPM7256S
164 (2)
164


Similar Part No. - EPM7064LC68-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064LC44-12 ALTERA-EPM7064LC44-12 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064LC44-15 ALTERA-EPM7064LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064LC84-15 ALTERA-EPM7064LC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064LC84-7 ALTERA-EPM7064LC84-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7064LC68-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com