Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP02N60H-H Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP02N60H-H
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP02N60H-H Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP02N60H-H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP02N60H-H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP02N60H-H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP02N60H-H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP02N60H-H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP02N60H-H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
700
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
AP02N60H/J-H
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
10V
QGS
QGD
QG
Charge
10
100
1000
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
4
8
12
16
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D =1.4A
V DS =320V
V DS =400V
V DS =480V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T c =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC


Similar Part No. - AP02N60H-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP02N60H-H VBSEMI-AP02N60H-H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
AP02N60H-H-HF VBSEMI-AP02N60H-H-HF Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Advanced Power Electron...
AP02N60H-H-HF A-POWER-AP02N60H-H-HF_14 Datasheet
72Kb / 4P
   Fast Switching Characteristic
logo
VBsemi Electronics Co.,...
AP02N60H-HF VBSEMI-AP02N60H-HF Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Advanced Power Electron...
AP02N60H-HF A-POWER-AP02N60H-HF_14 Datasheet
105Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP02N60H-H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com