Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP02N60J Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP02N60J
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP02N60J Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP02N60J_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP02N60J_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP02N60J_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP02N60J_08 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
600
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.6
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=1A
-
-
8
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=1A
-
0.2
-
S
IDSS
Drain-Source Leakage Current
VDS=600V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=480V, VGS=0V
-
-
100
uA
IGSS
Gate-Source Leakage
VGS=+30V
-
-
+100
nA
Qg
Total Gate Charge
3
ID=1.6A
-
14
20
nC
Qgs
Gate-Source Charge
VDS=480V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
8.5
-
nC
td(on)
Turn-on Delay Time
3
VDD=300V
-
9.5
-
ns
tr
Rise Time
ID=1.6A
-
12
-
ns
td(off)
Turn-off Delay Time
RG=10Ω,VGS=10V
-
21
-
ns
tf
Fall Time
RD=150Ω
-9
-
ns
Ciss
Input Capacitance
VGS=0V
-
155
240
pF
Coss
Output Capacitance
VDS=25V
-
27
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
14
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
IS=1.6A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
3
IS=1.6A, VGS=0V,
-
360
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
1970
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Starting Tj=25
oC , V
DD=50V , L=50mH , RG=25Ω , IAS=1.6A.
3.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
4.Surface mounted on 1 in
2 copper pad of FR4 board
2
AP02N60H/J


Similar Part No. - AP02N60J_08

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP02N60J-H A-POWER-AP02N60J-H Datasheet
252Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP02N60J_08

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com