Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1552 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR1552
Description  Dual SPDT Analog Switch with Chip Scale Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1552 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR1552 Datasheet HTML 1Page - Leshan Radio Company LR1552 Datasheet HTML 2Page - Leshan Radio Company LR1552 Datasheet HTML 3Page - Leshan Radio Company LR1552 Datasheet HTML 4Page - Leshan Radio Company LR1552 Datasheet HTML 5Page - Leshan Radio Company LR1552 Datasheet HTML 6Page - Leshan Radio Company LR1552 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Supply Voltage
VCC
-0.5
7
V
DC Switch Voltage
VNCX/ VNOX/ VCOMX
-0.5
VSUP + 0.3
V
DC Input Voltage
VINX
-0.5
7
V
Continuous Current
I(NCX/NOX/COMX)
-500
+500
mA
Peak Current
(1)
IPEAK(NCX/NOX/COMX)
-650
+650
mA
Storage Temperature Range
TSTG
-65
150
Notes:
(1) Pulsed at 1ms, 50% duty circle
(2) Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device.
These are stress ratings only and operations of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
(3) Control input(V
) must be held HIGH or LOW, and mustn’t be floated.
RECOMMENDED OPERATING CONDITIONS
DC Supply Voltage (VCC) ……………………………………………….1.65V to 5.5V
Switch Input Voltage (VS) ………………………………………………...0V to VCC
Control Input Voltage (VIN) ………………………………………………. 0V to VCC
Operation Temperature (TA) ……………………………………………..-40℃ to +85℃
Input Rise and Fall Time (tf/tr) ……………………………………………0ns/V to 5ns/V
Bump Temperature(Soldering)
Infared(15s) ……………………………………………………………+220℃
Vapor Phase(60s) …………………………………………………….+215℃
Leshan Radio Co ., Ltd
2/7


Similar Part No. - LR1552

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1551 LRC-LR1551 Datasheet
153Kb / 10P
   2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
LR1553 LRC-LR1553 Datasheet
160Kb / 8P
   0.6 Low Ron??0MHz High BW SPDT Analog Switch
LR1554 LRC-LR1554 Datasheet
451Kb / 6P
   L ow Voltage 0.4 Quad SPDT Analog Switch
More results

Similar Description - LR1552

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4684 PERICOM-PI5A4684 Datasheet
611Kb / 8P
   Chip Scale Packaging, Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
List of Unclassifed Man...
SGM4684 ETC1-SGM4684 Datasheet
466Kb / 9P
   Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com