Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL113 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # TIL113
Description  PHOTODARLINGTON OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL113 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  TIL113 Datasheet HTML 1Page - Fairchild Semiconductor TIL113 Datasheet HTML 2Page - Fairchild Semiconductor TIL113 Datasheet HTML 3Page - Fairchild Semiconductor TIL113 Datasheet HTML 4Page - Fairchild Semiconductor TIL113 Datasheet HTML 5Page - Fairchild Semiconductor TIL113 Datasheet HTML 6Page - Fairchild Semiconductor TIL113 Datasheet HTML 7Page - Fairchild Semiconductor TIL113 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/1/00
200042A
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.240 (6.10)
0.350 (8.89)
0.330 (8.38)
0.300 (7.62)
TYP
0.405 (10.30)
MAX
0.315 (8.00)
MIN
0.016 (0.40) MIN
2
5
PIN 1
ID.
0.016 (0.41)
0.008 (0.20)
0.100 (2.54)
TYP
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.165 (4.18)
4
3
0.020 (0.51)
MIN
1
6
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
0.016 (0.40)
0.008 (0.20)
0.070 (1.78)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
0.154 (3.90)
0.100 (2.54)
0.200 (5.08)
0.115 (2.92)
0.004 (0.10)
MIN
0.270 (6.86)
0.240 (6.10)
0.400 (10.16)
TYP
0° to 15°
0.022 (0.56)
0.016 (0.41)
0.100 (2.54) TYP
NOTE
All dimensions are in inches (millimeters)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
Package Dimensions (Surface Mount)
Package Dimensions (Through Hole)
Package Dimensions (0.4”Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
PHOTODARLINGTON OPTOCOUPLERS
CNX48U
H11B1
H11B2
H11B255
H11B3
MOC8080 TIL113


Similar Part No. - TIL113

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
TIL113 QT-TIL113 Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
Texas Instruments
TIL113 TI-TIL113 Datasheet
226Kb / 6P
[Old version datasheet]   Gallium Arsenide Diode Infrared Source Optically Coupled to a Silicon NPN Darlinrton-Connected Phototransistor
logo
ISOCOM COMPONENTS
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
Fairchild Semiconductor
TIL113 FAIRCHILD-TIL113 Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
More results

Similar Description - TIL113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
   PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com