Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-1-M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CNY17-1-M
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-1-M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CNY17-1-M Datasheet HTML 1Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 2Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 3Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 4Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 5Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 6Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 7Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 8Page - Fairchild Semiconductor CNY17-1-M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The CNY17 series consists of a Gallium Arsenide IRED
coupled with an NPN phototransistor.
CNY17-1
CNY17-3
CNY17-2
CNY17-4
APPLICATIONS
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
• Appliance sensor systems
• Industrial controls
FEATURES
• CNY17-1/2/3 are also available in white package by specifying -M suffix (eg. CNY17-2-M)
• UL recognized (File # E90700)
• VDE recognized
-102497 for white package
-Add option V for white package (e.g., CNY17-2V-M)
-File #102497
-Add option ‘300’ for black package (e.g., CNY17-2.300)
-File #94766
• Current transfer ratio in select groups
• High BVCEO70V minimum
1
2
6
5 COL
4 EMITTER
BASE
ANODE
CATHODE
3
SCHEMATIC
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
TSTG
All
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ 25°C (LED plus detector)
-M
250
mW
non -M
260
Derate Linearly From 25°C
PD
-M
2.94
mW/°C
non -M
3.50
EMITTER
IF
-M
60
mA
Continuous Forward Current
non -M
90
Reverse Voltage
VR
All
6
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF(pk)
-M
1.5
A
non -M
3.0
LED Power Dissipation 25°C Ambient
-M
120
mW
Derate Linearly From 25°C
PD
non -M
135
-M
1.41
mW/°C
non -M
1.8
DETECTOR
-M
150
mW
Detector Power Dissipation @ 25°C
PD
non -M
200
Derate Linearly from 25°C
-M
1.76
mW/°C
non -M
2.67
 2001 Fairchild Semiconductor Corporation
DS300208
6/06/01
1 OF 11
www.fairchildsemi.com
WHITE PACKAGE (-M SUFFIX)
BLACK PACKAGE (NO -M SUFFIX)
6
1
6
6
1
1
6
1
6
1
6
1
PHOTOTRANSISTOR OPTOCOUPLERS


Similar Part No. - CNY17-1-M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-1-000E AVAGO-CNY17-1-000E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-1-060E AVAGO-CNY17-1-060E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-1-300E AVAGO-CNY17-1-300E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-1-360E AVAGO-CNY17-1-360E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-1-500E AVAGO-CNY17-1-500E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
More results

Similar Description - CNY17-1-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com