Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6156 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6156
Description  Dual 300mA High PSRR LDO Two low dropout voltage regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6156 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6156 Datasheet HTML 1Page - Leshan Radio Company LR6156 Datasheet HTML 2Page - Leshan Radio Company LR6156 Datasheet HTML 3Page - Leshan Radio Company LR6156 Datasheet HTML 4Page - Leshan Radio Company LR6156 Datasheet HTML 5Page - Leshan Radio Company LR6156 Datasheet HTML 6Page - Leshan Radio Company LR6156 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LR6156
Dual 300mA High PSRR LDO
FEATURES
• Two low dropout voltage regulators
• 300mA output current for each LDO
• 20uA operating supply current per LDO
• Low 47uVRMS output noise
• Standby Mode: 0.1uA
• Low 160mV dropout at 300mA load
73dB PSRR at 100Hz
• Excellent Line regulation: 0.05%/V
• Independent Shutdown controls
• 1.5V to 4.5V Factory-Preset Output
• Output Current Limit
• High Accuracy: ±2% (±1% customized)
APPLICATIONS
• Cellular phones
• Cordless phones and radio
communication equipment
• Battery Powered equipment
• Notebook and hand-hold equipment
• Wireless LAN
• GPS receivers
ORDERING INFORMATION
DESCRIPTION
The LR6156 is a dual,low-noise,low-
dropout regulator delivering at least 300mA of
continuous output current. The output voltage
for each regulator is set independently by
trimming.Voltages are selectable in 100mV
steps within a range of 1.5V to 4.5V.Typical
output noise is 47uVrms,and PSRR is 73dB
at 100Hz. The LR6156 includes two
independent logic-controlled shutdown inputs
and allows the output of each regulator to be
turned of independently.
The LR6156 includes high accuracy
voltage reference, error amplifier, current limit
circuit and output driver module.
The LR6156 has excellent load and line
transient response and good temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming technique to guarantee output
voltage accuracy within±2%.
The LR6156 is available in SOT-23-6
package which is lead(Pb)- free
LR6156 –X X XX
TYPICAL APPLICATION
APPLICATION HINTS
NOTE:
Input capacitor (Cin=1uF) and Output
capacitor (Cout=1uF/3.3uF) arerecommended
in all application circuit.
Package:R6:SOT-
23-6
Operating temperature range
C:commercial standard
P:Pb free
Output Voltage:
Code
Vout1 Vout2
Code
Vout1
Vout2
B
1.5V
2.8V
M
2.8V
1.8V
C
1.5V
3.0V
O
2.8V
2.8V
D
1.5V
3.3V
P
2.8V
3.0V
E
1.5V
4.0V
Q
3.0V
2.5V
G
1.8
H
1.8V
2.8V
S
3.0V
3.3V
I
1.8V
3.0V
T
3.3V
1.8V
J
1.8V
3.3V
Leshan Radio Co ., Ltd
1/7
V
2.5V
R
3.0V
3.0V
W
2.5V
3.0V


Similar Part No. - LR6156

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-AC LRC-LR6155E6-AC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-BC LRC-LR6155E6-BC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-CC LRC-LR6155E6-CC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
LR6155E6-DC LRC-LR6155E6-DC Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LR6156

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3111 E-CMOS-EC3111 Datasheet
829Kb / 16P
   300mA High-PSRR Low Dropout Voltage Linear Regulators
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com