Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6155E6-CC Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR6155E6-CC
Description  150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6155E6-CC Datasheet(HTML) 3 Page - Leshan Radio Company

  LR6155E6-CC Datasheet HTML 1Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 2Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 3Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 4Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 5Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 6Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 7Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 8Page - Leshan Radio Company LR6155E6-CC Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings
Max Input Voltage
8V
Junction Temperature(TJ)
125oC
Output Current
200mA
Power Dissipation (TSOP-6)
400mW
Storage Temperature (Ts)
-45
oC~150oC
Lead Temperature and Time
260
oC, 10S
Stresses beyond may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the Electrical
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Electrical Characteristics
Test Conditions: C1=C2=C3=1uF, TA=25
oC, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
1.5
6
V
VOUT
Output Voltage
VIN=Set VOUT+1V
1mA≦IOUT≦30mA
VOUT
x0.98
VOUT
x1.02
V
IOUT (Max)
Max Output Current
VIN-VOUT=1V
150
mA
Dropout
Voltage
Input-Output Voltage
Differential
Refer to the Electrical Characteristics by output voltage
∆VOUT
∆VIN x VOUT
Line Regulation
IOUT=40mA
1.6V≦Vin≦8V
0.05
0.2
%/V
∆VOUT/∆IOUT
Load Regulation
VIN=Set VOUT+1V
1mA≦IOUT≦80mA
12
40
mV
Iss
Supply Current
VIN=Set VOUT+1V
25
50
uA
ISTANDBY
Supply Current (Standby)
VIN=Set VOUT+1V,
VCE=GND
0.1
1.0
uA
∆VOUT
∆T x VOUT
Output Voltage
Temperature Coefficiency
IOUT =30mA
±100
ppm/
oC
PSRR
Ripple Rejection
F=1KHz,
Ripple=0.5Vp-p
VIN=Set VOUT+1V
65
dB
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz~100KHz
27
uVRMS
LESHAN RADIO COMPANY, LTD.
3/9
Ver 2.0 Apr 2010


Similar Part No. - LR6155E6-CC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6156 LRC-LR6156 Datasheet
385Kb / 7P
   Dual 300mA High PSRR LDO Two low dropout voltage regulators
More results

Similar Description - LR6155E6-CC

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com