Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM7402 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM7402
Description  Quad 2-Input NOR Gates
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM7402 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM7402 Datasheet HTML 1Page - Fairchild Semiconductor DM7402 Datasheet HTML 2Page - Fairchild Semiconductor DM7402 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
16
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
V
Output Voltage
VIH = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
IOS
Short Circuit
VCC = Max
mA
Output Current
(Note 3)
−18
−55
ICCH
Supply Current with Outputs HIGH
VCC = Max
8
16
mA
ICCL
Supply Current with Outputs Low
VCC = Max
14
27
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
22
ns
LOW-to-HIGH Level Output
RL = 400Ω
tPHL
Propagation Delay Time
15
ns
HIGH-to-LOW Level Output


Similar Part No. - DM7402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM7402N NSC-DM7402N Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
More results

Similar Description - DM7402

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com